データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8357J データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA8357J
部品情報  Full bridge vertical deflection output circuit in LVDMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8357J データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA8357J Datasheet HTML 7Page - NXP Semiconductors TDA8357J Datasheet HTML 8Page - NXP Semiconductors TDA8357J Datasheet HTML 9Page - NXP Semiconductors TDA8357J Datasheet HTML 10Page - NXP Semiconductors TDA8357J Datasheet HTML 11Page - NXP Semiconductors TDA8357J Datasheet HTML 12Page - NXP Semiconductors TDA8357J Datasheet HTML 13Page - NXP Semiconductors TDA8357J Datasheet HTML 14Page - NXP Semiconductors TDA8357J Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1999 Nov 10
11
Philips Semiconductors
Preliminary specification
Full bridge vertical deflection output circuit
in LVDMOS
TDA8357J
Heatsink calculation
The value of the heatsink can be calculated in a standard
way with a method based on average temperatures.
The required thermal resistance of the heatsink is
determined by the maximum die temperature of 150
°C.
In general we recommend to design for an average die
temperature not exceeding 130
°C.
EXAMPLE
Measured or given values: Ptot = 3 W; Tamb =40 °C;
Tj = 110 °C; Rth(j-c) = 5 K/W; Rth(c-h) = 2 K/W.
The required heatsink thermal resistance is given by:
When we use the values given we find:
The heatsink temperature will be:
Th =Tamb +(Rth(h-a) × Ptot) =40+(3 × 16) = 90 °C
R
th h
a
()
T
j
T
amb
P
tot
------------------------
R
th j
c
()
R
th c
h
()
+
()
=
R
th h
a
()
110
40
3.0
----------------------
52
+
()
16 K/W
==


同様の部品番号 - TDA8357J

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8350 PHILIPS-TDA8350 Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
   DC-coupled vertical deflection and East-West output circuit
January 1995
TDA8351 PHILIPS-TDA8351 Datasheet
81Kb / 16P
   DC-coupled vertical deflection circuit
1999 Sep 27
TDA8351A PHILIPS-TDA8351A Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
TDA8351AQ PHILIPS-TDA8351AQ Datasheet
82Kb / 16P
   DC-coupled vertical deflection output circuit
1999 Sep 27
More results

同様の説明 - TDA8357J

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8359J PHILIPS-TDA8359J Datasheet
107Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS
2002 Jan 21
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
TDA8358J PHILIPS-TDA8358J Datasheet
110Kb / 20P
   Full bridge vertical deflection output circuit in LVDMOS with east-west amplifier
1999 Dec 22
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
Unisonic Technologies
T78041 UTC-T78041_15 Datasheet
165Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Sanyo Semicon Device
LA7840 SANYO-LA7840 Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
LA7845N SANYO-LA7845N Datasheet
54Kb / 4P
   Vertical Deflection Output Circuit
logo
Unisonic Technologies
T8172 UTC-T8172 Datasheet
170Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78040 UTC-T78040_12 Datasheet
186Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
T78041 UTC-T78041 Datasheet
199Kb / 5P
   VERTICAL DEFLECTION OUTPUT CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com