データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8376 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TDA8376
部品情報  I2C-bus controlled PAL/NTSC TV processors
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8376 データシート(HTML) 10 Page - NXP Semiconductors

Back Button TDA8376 Datasheet HTML 6Page - NXP Semiconductors TDA8376 Datasheet HTML 7Page - NXP Semiconductors TDA8376 Datasheet HTML 8Page - NXP Semiconductors TDA8376 Datasheet HTML 9Page - NXP Semiconductors TDA8376 Datasheet HTML 10Page - NXP Semiconductors TDA8376 Datasheet HTML 11Page - NXP Semiconductors TDA8376 Datasheet HTML 12Page - NXP Semiconductors TDA8376 Datasheet HTML 13Page - NXP Semiconductors TDA8376 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
1996 Jan 26
10
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV processors
TDA8376; TDA8376A
7
FUNCTIONAL DESCRIPTION
7.1
Video switches
The circuit has two CVBS inputs and a Super-Video Home
System (S-VHS) input. The input can be chosen by the
I2C-bus. The input selector also has a position in which
CVBSEXT is processed, unless there is a signal on the
S-VHS input. When the input selector is in this position it
switches to the S-VHS input if the S-VHS detector detects
sync pulses on the S-VHS luminance input. The S-VHS
detector output can be read by the I2C-bus. When the
S-VHS option is not used the luminance input can be used
as a second input for external CVBS signals. The choice is
made via the CVS bit (see Table 1).
The video switch circuit has two outputs which can be
programmed in a different way. The input signal for the
decoder is also available on the TXT output. Therefore this
signal can be used to drive the teletext decoder and the
SECAM add-on decoder. The signal on the PIP output can
be chosen independent of the TXT output. If S-VHS is
selected for one of the outputs the luminance and
chrominance signals are added so that a CVBS signal is
obtained again.
The circuit contains a video identification circuit which
checks whether a video signal is available at the selected
video input. This circuit is independent of the
synchronization circuit. The information of this
identification circuit can also be used to switch the
phase-1 (
ϕ1) loop to a low gain when no signal is received
so that a stable OSD display is obtained. The video
identification circuit can be switched on and off via the
I2C-bus.
7.2
Integrated video filters, peaking and black
stretcher
The circuit contains a chrominance bandpass and trap
circuit. The chrominance trap filter in the luminance path is
designed for a symmetrical step response behaviour. The
filters are realized by gyrator circuits and they are
automatically tuned by comparing the tuning frequency
with the crystal frequency of the decoder. The luminance
delay line and the delay for the peaking circuit are also
realized by gyrator circuits. During SECAM reception the
centre frequency of the chrominance trap is set to a value
of approximately 4.2 MHz to obtain a better suppression of
the SECAM carrier frequencies.
The peaking function is achieved by two luminance delay
cells each with a delay of 165 ns. The resulting peaking
frequency is 3 MHz. The peaking is asymmetrical so that
the overshoots in the direction of ‘black’ are approximately
two times higher than those in the direction of ‘white’.
This provides a better picture impression than a
symmetrical peaking. The circuit contains a coring circuit
to prevent the noise content of the video signal being
amplified by the peaking circuit. This coring circuit can be
switched-off when required.
It is possible to connect a Colour Transient Improvement
(CTI) or Picture Signal Improvement (PSI) IC to the
TDA8376. The luminance signal which has passed the
filter and delay line circuit is available externally. The
output signal of the transient improvement circuit must be
applied to the luminance input circuit. When the CTI
function is not required the two pins must be AC-coupled.
The luminance signal below 50 IRE can be stretched in
accordance with the difference between the peak black
level and the blanking level of the back-porch of the video
signal. The black level stretcher can be switched-off by
connecting pin 2 to the positive supply line.
7.3
Synchronization circuit
The sync separator is preceded by a controlled amplifier
which adjusts the sync pulse amplitude to a fixed level.
These pulses are fed to the slicing stage which is operating
at 50% of the amplitude.
The separated sync pulses are fed to the first phase
detector and to the coincidence detector. This coincidence
detector is only used to detect whether the line oscillator is
synchronized and not for transmitter identification. The first
Phase-Locked Loop (PLL) has a very high-statical
steepness so that the phase of the picture is independent
of the line frequency. To prevent the horizontal
synchronization being disturbed by anti-copy signals such
as Macrovision the phase detector is gated during the
vertical retrace period so that pulses during scan have no
effect on the output voltage. The position of this pulse is
asymmetrical and the width is approximately 22
µs.
The horizontal output signal is generated by an oscillator
which operates at twice the line frequency. Its frequency is
divided-by-two to lock the first control loop to the incoming
signal. The time-constant of the loop can be forced by the
I2C-bus (fast or slow). If required the IC can select the
time-constant depending on the noise content of the
incoming video signal. The free-running frequency of the
oscillator is determined by a digital control circuit which is
locked to the reference signal of the colour decoder. When
the IC is switched on the horizontal output signal is
suppressed and the oscillator is calibrated as soon as all
subaddress bytes have been sent. When the frequency of
the oscillator is correct the horizontal drive signal is
switched on.


同様の部品番号 - TDA8376

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8370 PHILIPS-TDA8370 Datasheet
379Kb / 17P
   Synchronization processor for television receivers
April 1987
TDA8373 PHILIPS-TDA8373 Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8374 PHILIPS-TDA8374 Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8374A PHILIPS-TDA8374A Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8374AH PHILIPS-TDA8374AH Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
More results

同様の説明 - TDA8376

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA884X PHILIPS-TDA884X Datasheet
419Kb / 68P
   I2C-bus controlled PAL/NTSC/SECAM TV processors
December 16, 1997
TDA837X PHILIPS-TDA837X Datasheet
451Kb / 72P
   I2C-bus controlled economy PAL/NTSC and NTSC TV-processors
1997 Jul 01
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
STMicroelectronics
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
   BUS CONTROLLED PAL/NTSC TV PROCESSOR
STV2216 STMICROELECTRONICS-STV2216 Datasheet
259Kb / 26P
   BUS CONTROLLED NTSC/PAL TV PROCESSOR
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
   BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
TDA933XH PHILIPS-TDA933XH Datasheet
230Kb / 56P
   I2C-bus controlled TV display processors
2000 May 08
TDA9330H NXP-TDA9330H Datasheet
219Kb / 56P
   I2C-bus controlled TV display processors
2002 Jun 04
TDA9143 PHILIPS-TDA9143 Datasheet
275Kb / 40P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
1996 Jan 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com