データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8424 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TDA8424
部品情報  Hi-Fi stereo audio processor; I2C-bus
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8424 データシート(HTML) 10 Page - NXP Semiconductors

Back Button TDA8424 Datasheet HTML 6Page - NXP Semiconductors TDA8424 Datasheet HTML 7Page - NXP Semiconductors TDA8424 Datasheet HTML 8Page - NXP Semiconductors TDA8424 Datasheet HTML 9Page - NXP Semiconductors TDA8424 Datasheet HTML 10Page - NXP Semiconductors TDA8424 Datasheet HTML 11Page - NXP Semiconductors TDA8424 Datasheet HTML 12Page - NXP Semiconductors TDA8424 Datasheet HTML 13Page - NXP Semiconductors TDA8424 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
September 1992
10
Philips Semiconductors
Product specification
Hi-Fi stereo audio processor; I2C-bus
TDA8424
LIMITING VALUES
In accordance with Absolute Maximum System (IEC 134)
Note
1. Electrostatic handling Human body model: C = 100 pF, R = 1.5 k
Ω and V ≥ 3 kV; charge device model:
C = 200 pF, R = 0
Ω and V ≥ 400 V.
DC CHARACTERISTICS
VCC = 12 V; Tamb = 25 °C; unless otherwise specified
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
supply voltage
0
16
V
Vcap
voltage range for pins with external capacitors
0
VCC
V
VSDA, SCL
voltage range for pins 11 and 12
0
VCC
V
VI/O
voltage range at pins 1, 3, 9, 11, 12 and 13
0
VCC
V
IO
output current at pins 9 and 13
45
mA
Ptot
total power dissipation at Tamb < 70 °C
450
mW
Tamb
operating ambient temperature range
0
+70
°C
Tstg
storage temperature range
−25
+150
°C
Vstat
electrostatic handling
see note 1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage range
10.8
12.0
13.2
V
ICC
supply current
at VCC = 12 V
26
35
mA
Vref
internal reference voltage
5.4
0.5VCC
6.6
V
VI
internal voltage at pins 1 and 3 DC voltage internally
generated;
capacitive coupling
recommended
Vref
V
VO
internal voltage at pins 9 and
13
Vref
V
SDA; SCL (pins 11 and 12)
VIH
HIGH level input voltage
3.0
VCC
V
VIL
LOW level input voltage
−3.0
1.5
V
IIH
HIGH level input current
−−+10
µA
IIL
LOW level input current
−10
−−µA
output voltage at pins with
external capacitors
Vcap.n
pins 6 to 8, 14 to 16
Vref
V
Vcap.2
pin 2
VCC−0.3
V


同様の部品番号 - TDA8424

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425 PHILIPS-TDA8425 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
More results

同様の説明 - TDA8424

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
BH7801BK ROHM-BH7801BK Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com