データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8440C3 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA8440C3
部品情報  Switch for CTV receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8440C3 データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA8440C3 Datasheet HTML 4Page - NXP Semiconductors TDA8440C3 Datasheet HTML 5Page - NXP Semiconductors TDA8440C3 Datasheet HTML 6Page - NXP Semiconductors TDA8440C3 Datasheet HTML 7Page - NXP Semiconductors TDA8440C3 Datasheet HTML 8Page - NXP Semiconductors TDA8440C3 Datasheet HTML 9Page - NXP Semiconductors TDA8440C3 Datasheet HTML 10Page - NXP Semiconductors TDA8440C3 Datasheet HTML 11Page - NXP Semiconductors TDA8440C3 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
November 1985
11
Philips Semiconductors
Product specification
Switch for CTV receivers
TDA8440
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT102-1
93-10-14
95-01-23
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
ME
e 1
1.40
1.14
0.53
0.38
0.32
0.23
21.8
21.4
6.48
6.20
3.9
3.4
0.254
2.54
7.62
8.25
7.80
9.5
8.3
0.85
4.7
0.51
3.7
inches
0.055
0.044
0.021
0.015
0.013
0.009
1.40
1.14
0.055
0.044
0.86
0.84
0.26
0.24
0.15
0.13
0.01
0.10
0.30
0.32
0.31
0.37
0.33
0.033
0.19
0.020
0.15
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
18
1
10
9
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
DIP18: plastic dual in-line package; 18 leads (300 mil)
SOT102-1


同様の部品番号 - TDA8440C3

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA844 PHILIPS-TDA844 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8442 PHILIPS-TDA8442 Datasheet
85Kb / 10P
   I2C-bus interface for colour decoders
March 1991
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8444 PHILIPS-TDA8444 Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
TDA8444AT PHILIPS-TDA8444AT Datasheet
116Kb / 16P
   Octuple 6-bit DACs with I2C-bus
1999 Apr 29
More results

同様の説明 - TDA8440C3

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA8776N TOSHIBA-TA8776N_01 Datasheet
233Kb / 15P
   SURROUND PROCESSOR FOR A CTV
TA8776N TOSHIBA-TA8776N Datasheet
524Kb / 15P
   SURROUND PROCESSOR FOR A CTV
TA8725AN TOSHIBA-TA8725AN Datasheet
1Mb / 34P
   1CHIP COR NTSC CTV
logo
Sanyo Semicon Device
STK792-110 SANYO-STK792-110 Datasheet
85Kb / 5P
   Vertical Deflection Output Circuit for CTV and CRT Displays
STK792-210 SANYO-STK792-210 Datasheet
75Kb / 4P
   Vertical Deflection Output Circuit for CTV and CRT Displays?
logo
Toshiba Semiconductor
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
logo
Sanyo Semicon Device
LA7688 SANYO-LA7688 Datasheet
106Kb / 6P
   Single-Chip CTV Signal-Processing Circuit for PAL and NTSC Formats
logo
Nippon Precision Circui...
SM8210S NPC-SM8210S Datasheet
625Kb / 18P
   Signal Processor for Paging Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com