データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC594A データシート(PDF) 1 Page - NXP Semiconductors

部品番号 74LVC594A
部品情報  8-bit shift register with output register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC594A データシート(HTML) 1 Page - NXP Semiconductors

  74LVC594A Datasheet HTML 1Page - NXP Semiconductors 74LVC594A Datasheet HTML 2Page - NXP Semiconductors 74LVC594A Datasheet HTML 3Page - NXP Semiconductors 74LVC594A Datasheet HTML 4Page - NXP Semiconductors 74LVC594A Datasheet HTML 5Page - NXP Semiconductors 74LVC594A Datasheet HTML 6Page - NXP Semiconductors 74LVC594A Datasheet HTML 7Page - NXP Semiconductors 74LVC594A Datasheet HTML 8Page - NXP Semiconductors 74LVC594A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
General description
The 74LVC594A is an 8-bit serial-in/serial or parallel-out shift register with a storage
register. Separate clock and reset inputs are provided on both shift and storage registers.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of
this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The shift register has a serial input (DS) and a serial output (Q7S) for cascading
purposes. Data is shifted on the positive-going transitions of the SHCP input. The data in
the shift register is transferred to the storage register on a positive-going transition of the
STCP input. If both clocks are connected together, the shift register will always be one
clock pulse ahead of the storage register. A LOW level on one of the two register reset
pins (SHR and STR) will clear the corresponding register.
2.
Features
s 5 V tolerant inputs/outputs for interfacing with 5 V logic
s Wide supply voltage range from 1.2 V to 3.6 V
s CMOS low-power consumption
s Direct interface with TTL levels
s Balanced propagation delays
s All inputs have Schmitt-trigger action
s Complies with JEDEC standard JESD8-B/JESD36
s ESD protection:
x HBM JESD22-A114-D exceeds 2000 V
x CDM JESD22-C101-C exceeds 1000 V
s Specified from
−40 °C to +85 °C and −40 °C to +125 °C.
3.
Applications
s Serial-to-parallel data conversion
s Remote control holding register
74LVC594A
8-bit shift register with output register
Rev. 01 — 24 May 2007
Product data sheet


同様の部品番号 - 74LVC594A

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74LVC594ABQ NEXPERIA-74LVC594ABQ Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
74LVC594ABQ-Q100 NEXPERIA-74LVC594ABQ-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74LVC594AD NEXPERIA-74LVC594AD Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results

同様の説明 - 74LVC594A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74AHC_AHCT594 PHILIPS-74AHC_AHCT594_15 Datasheet
132Kb / 22P
   8-bit shift register with output register
Rev. 02-9 June 2008
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A-Q100 NEXPERIA-74LVC594A-Q100 Datasheet
253Kb / 21P
   8-bit shift register with output register
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com