データシートサーチシステム |
|
74LVC594APW データシート(PDF) 5 Page - NXP Semiconductors |
|
74LVC594APW データシート(HTML) 5 Page - NXP Semiconductors |
5 / 19 page 74LVC594A_1 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 01 — 24 May 2007 5 of 19 NXP Semiconductors 74LVC594A 8-bit shift register with output register 7. Functional description [1] H = HIGH voltage state; L = LOW voltage state; ↑ = LOW-to-HIGH transition; X = don’t care; NC = no change; 8. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] For SO16 packages: above 70 °C the value of Ptot derates linearly with 8 mW/K. For TSSOP16 packages: above 60 °C the value of Ptot derates linearly with 5.5 mW/K. For DHVQFN16 packages: above 60 °C the value of Ptot derates linearly with 4.5 mW/K. Table 3. Function table[1] Input Output Function SHCP STCP SHR STR DS Q7S Qn X X L X X L NC a LOW-state on SHR only affects the shift register X X X L X NC L a LOW-state on STR only affects the storage register X ↑ L H X L L empty shift register loaded into storage register ↑ X H X H Q6S NC logic HIGH level shifted into shift register stage 0. Contents of all shift register stages shifted through, e.g. previous state of stage 6 (internal Q6S) appears on the serial output (Q7S). X ↑ H H X NC QnS contents of shift register stages (internal QnS) are transferred to the storage register and parallel output stages ↑↑ H H X Q6S QnS contents of shift register shifted through; previous contents of the shift register is transferred to the storage register and the parallel output stages Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +6.5 V IIK input clamping current VI <0 V −50 - mA VI input voltage [1] −0.5 +6.5 V IOK output clamping current VO >VCC or VO <0 V - ±50 mA VO output voltage 3-state [1] −0.5 6.5 V output HIGH or LOW state [1] −0.5 VCC + 0.5 V IO output current VO =0 VtoVCC - ±50 mA ICC supply current - 100 mA IGND ground current −100 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C [2] - 500 mW |
同様の部品番号 - 74LVC594APW |
|
同様の説明 - 74LVC594APW |