データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8511 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8511
部品情報  4 x 13 W single-ended power amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8511 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8511 Datasheet HTML 2Page - NXP Semiconductors TDA8511 Datasheet HTML 3Page - NXP Semiconductors TDA8511 Datasheet HTML 4Page - NXP Semiconductors TDA8511 Datasheet HTML 5Page - NXP Semiconductors TDA8511 Datasheet HTML 6Page - NXP Semiconductors TDA8511 Datasheet HTML 7Page - NXP Semiconductors TDA8511 Datasheet HTML 8Page - NXP Semiconductors TDA8511 Datasheet HTML 9Page - NXP Semiconductors TDA8511 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Mar 10
6
Philips Semiconductors
Preliminary specification
4
× 13 W single-ended power amplifiers
TDA8511J
LIMITING VALUES
In accordance with the absolute maximum system (IEC 134).
THERMAL CHARACTERISTICS
In accordance with IEC 747-1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
no signal
20
V
IOSM
non-repetitive peak output current
6A
IORM
repetitive peak output current
4A
Vpsc
AC and DC short-circuit safe voltage
18
V
Vpr
reverse polarity
6V
Ptot
total power dissipation
60
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
see Fig.5
1.3
K/W
Fig.5 Equivalent thermal resistance network.
handbook, halfpage
3.0 K/W
0.7 K/W
3.0 K/W
virtual junction
output 1
output 2
case
3.0 K/W
0.7 K/W
3.0 K/W
output 3
output 4
MEA860 - 2
0.2 K/W


同様の部品番号 - TDA8511

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8510 PHILIPS-TDA8510 Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8512 PHILIPS-TDA8512 Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
More results

同様の説明 - TDA8511

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
logo
NXP Semiconductors
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com