データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8547 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA8547
部品情報  2 x 1 W BTL audio amplifier with output channel switching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8547 データシート(HTML) 4 Page - NXP Semiconductors

  TDA8547 Datasheet HTML 1Page - NXP Semiconductors TDA8547 Datasheet HTML 2Page - NXP Semiconductors TDA8547 Datasheet HTML 3Page - NXP Semiconductors TDA8547 Datasheet HTML 4Page - NXP Semiconductors TDA8547 Datasheet HTML 5Page - NXP Semiconductors TDA8547 Datasheet HTML 6Page - NXP Semiconductors TDA8547 Datasheet HTML 7Page - NXP Semiconductors TDA8547 Datasheet HTML 8Page - NXP Semiconductors TDA8547 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Oct 07
4
Philips Semiconductors
Preliminary specification
2
× 1 W BTL audio amplifier with output
channel switching
TDA8547
PINNING
SYMBOL
PIN
DESCRIPTION
GND1
1
ground, channel 1
OUT1+
2
positive loudspeaker terminal,
channel 1
MODE
3
operating mode select (standby,
mute, operating)
SVRR
4
half supply voltage, decoupling
ripple rejection
SELECT
5
input for selection of operating
channel
n.c.
6
not connected
OUT2+
7
positive loudspeaker terminal,
channel 2
GND2
8
ground, channel 2
VCC2
9
supply voltage, channel 2
OUT2
10
negative loudspeaker terminal,
channel 2
IN2
11
negative input, channel 2
IN2+
12
positive input, channel 2
IN1+
13
positive input, channel 1
IN1
14
negative input, channel 1
OUT1
15
negative loudspeaker terminal,
channel 1
VCC1
16
supply voltage, channel 1
Fig.2 Pin configuration.
handbook, halfpage
TDA8547
MGK696
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND1
OUT1
+
MODE
SVRR
SELECT
n.c.
OUT2
+
GND2
VCC2
OUT2
IN2
IN2
+
IN1
+
IN1
OUT1
VCC1
FUNCTIONAL DESCRIPTION
The TDA8547(T) is a 2
× 1 W BTL audio power amplifier
capable of delivering 2
× 1 W output power to an 8 Ω load
at THD = 10% using a 5 V power supply. Using the
MODE pin the device can be switched to standby and
mute condition. The device is protected by an internal
thermal shutdown protection mechanism. The gain can be
set within a range from 6 to 30 dB by external feedback
resistors.
Power amplifier
The power amplifier is a Bridge-Tied Load (BTL) amplifier
with a complementary PNP-NPN output stage.
The voltage loss on the positive supply line is the
saturation voltage of a PNP power transistor, on the
negative side the saturation voltage of a NPN power
transistor. The total voltage loss is <1 V and with a 5 V
supply voltage and an 8
Ω loudspeaker an output power of
1 W can be delivered.
MODE pin
The whole device (both channels) is in the standby mode
(with a very low current consumption) if the voltage at the
MODE pin is >(VCC − 0.5 V), or if this pin is floating. At a
MODE voltage level of less than 0.5 V the amplifier is fully
operational. In the range between 1.5 V and VCC − 1.5 V
the amplifier is in mute condition. The mute condition is
useful to suppress plop noise at the output caused by
charging of the input capacitor.
SELECT pin
If the voltage at the SELECT pin is in the range between
1.5 V and VCC − 1.5 V, or if it is kept floating, then both
channels can be operational. If the SELECT pin is set to a
LOW voltage or grounded, then only channel 2 can
operate and the power amplifier of channel 1 will be in the
standby mode. In this case only the loudspeaker at
channel 2 can operate and the loudspeaker at channel 1
will be switched off. If the SELECT pin is set to a
HIGH level or connected to VCC, then only channel 1 can


同様の部品番号 - TDA8547

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results

同様の説明 - TDA8547

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542TS PHILIPS-TDA8542TS Datasheet
205Kb / 20P
   2 x 0.7 W BTL audio amplifier
1998 Mar 25
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com