データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4420VJA データシート(PDF) 3 Page - Microchip Technology

部品番号 TC4420VJA
部品情報  6A High-Speed MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420VJA データシート(HTML) 3 Page - Microchip Technology

  TC4420VJA Datasheet HTML 1Page - Microchip Technology TC4420VJA Datasheet HTML 2Page - Microchip Technology TC4420VJA Datasheet HTML 3Page - Microchip Technology TC4420VJA Datasheet HTML 4Page - Microchip Technology TC4420VJA Datasheet HTML 5Page - Microchip Technology TC4420VJA Datasheet HTML 6Page - Microchip Technology TC4420VJA Datasheet HTML 7Page - Microchip Technology TC4420VJA Datasheet HTML 8Page - Microchip Technology TC4420VJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21419C-page 3
TC4420/TC4429
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +20V
Input Voltage .................................. – 5V to VDD + 0.3V
Input Current (VIN > VDD)................................... 50 mA
Power Dissipation (TA ≤ 70°C)
5-Pin TO-220 .................................................... 1.6W
CERDIP ....................................................... 800 mW
DFN ............................................ ...................Note 2
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Package Power Dissipation (TA ≤ 25°C)
5-Pin TO-220 (With Heatsink) ........................ 12.5W
Thermal Impedances (To Case)
5-Pin TO-220 RθJ-C ...................................... 10°C/W
† Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input
Voltage
VIH
2.4
1.8
V
Logic ‘0’, Low Input Voltage
VIL
—1.3
0.8
V
Input Voltage Range
VIN
–5
VDD+0.3
V
Input Current
IIN
–10
+10
µA
0V
≤ V
IN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
V
DC TEST
Low Output Voltage
VOL
0.025
V
DC TEST
Output Resistance, High
ROH
—2.1
2.8
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—1.5
2.5
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—6.0
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
> 1.5
A
Duty cycle
≤ 2%, t ≤ 300 µsec
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
Figure 4-1, CL = 2,500 pF
Fall Time
tF
—25
35
ns
Figure 4-1, CL = 2,500 pF
Delay Time
tD1
—55
75
ns
Figure 4-1
Delay Time
tD2
—55
75
ns
Figure 4-1
Power Supply
Power Supply Current
IS
0.45
55
1.5
150
mA
µA
VIN = 3V
VIN = 0V
Operating Input Voltage
VDD
4.5
18
V
Note 1:
Switching times ensured by design.
2:
Package power dissipation is dependent on the copper pad area on the PCB.


同様の部品番号 - TC4420VJA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4420VMF MICROCHIP-TC4420VMF Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results

同様の説明 - TC4420VJA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com