データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4432COA データシート(PDF) 11 Page - Microchip Technology

部品番号 TC4432COA
部品情報  1.5A High-Speed 30V MOSFET Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4432COA データシート(HTML) 11 Page - Microchip Technology

Back Button TC4432COA Datasheet HTML 7Page - Microchip Technology TC4432COA Datasheet HTML 8Page - Microchip Technology TC4432COA Datasheet HTML 9Page - Microchip Technology TC4432COA Datasheet HTML 10Page - Microchip Technology TC4432COA Datasheet HTML 11Page - Microchip Technology TC4432COA Datasheet HTML 12Page - Microchip Technology TC4432COA Datasheet HTML 13Page - Microchip Technology TC4432COA Datasheet HTML 14Page - Microchip Technology TC4432COA Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
 2003 Microchip Technology Inc.
DS21424C-page 11
TC4431/TC4432
8-Lead Plastic Small Outline (SN) – Narrow, 150 mil (SOIC)
Foot Angle
φ
048
048
15
12
0
15
12
0
β
Mold Draft Angle Bottom
15
12
0
15
12
0
α
Mold Draft Angle Top
0.51
0.42
0.33
.020
.017
.013
B
Lead Width
0.25
0.23
0.20
.010
.009
.008
c
Lead Thickness
0.76
0.62
0.48
.030
.025
.019
L
Foot Length
0.51
0.38
0.25
.020
.015
.010
h
Chamfer Distance
5.00
4.90
4.80
.197
.193
.189
D
Overall Length
3.99
3.91
3.71
.157
.154
.146
E1
Molded Package Width
6.20
6.02
5.79
.244
.237
.228
E
Overall Width
0.25
0.18
0.10
.010
.007
.004
A1
Standoff §
1.55
1.42
1.32
.061
.056
.052
A2
Molded Package Thickness
1.75
1.55
1.35
.069
.061
.053
A
Overall Height
1.27
.050
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
p
B
E
E1
h
L
β
c
45
°
φ
A2
α
A
A1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-012
Drawing No. C04-057
§ Significant Characteristic


同様の部品番号 - TC4432COA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC4432COA TELCOM-TC4432COA Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Microchip Technology
TC4432COA MICROCHIP-TC4432COA Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
More results

同様の説明 - TC4432COA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4432VOA MICROCHIP-TC4432VOA Datasheet
293Kb / 18P
   1.5A High-Speed 30V MOSFET Drivers
10/05/07
TC4431 MICROCHIP-TC4431 Datasheet
433Kb / 14P
   1.5A High-Speed 30V MOSFET Drivers
2002
logo
TelCom Semiconductor, I...
TC4431 TELCOM-TC4431 Datasheet
61Kb / 4P
   1.5A HIGH-SPEED 30V MOSFET DRIVERS
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com