データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4426CPA データシート(PDF) 6 Page - Microchip Technology

部品番号 TC4426CPA
部品情報  1.5A Dual High-Speed Power MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426CPA データシート(HTML) 6 Page - Microchip Technology

Back Button TC4426CPA Datasheet HTML 2Page - Microchip Technology TC4426CPA Datasheet HTML 3Page - Microchip Technology TC4426CPA Datasheet HTML 4Page - Microchip Technology TC4426CPA Datasheet HTML 5Page - Microchip Technology TC4426CPA Datasheet HTML 6Page - Microchip Technology TC4426CPA Datasheet HTML 7Page - Microchip Technology TC4426CPA Datasheet HTML 8Page - Microchip Technology TC4426CPA Datasheet HTML 9Page - Microchip Technology TC4426CPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC4426/TC4427/TC4428
DS21422D-page 6
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25ºC with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Propagation Delay Time vs.
Input Amplitude.
FIGURE 2-8:
Supply Current vs. Supply
Voltage.
FIGURE 2-9:
Output Resistance (ROH) vs.
Supply Voltage.
FIGURE 2-10:
Propagation Delay Time vs.
Temperature.
FIGURE 2-11:
Supply Current vs.
Temperature.
FIGURE 2-12:
Output Resistance (ROL) vs.
Supply Voltage.
10
15
20
25
30
35
40
45
50
55
60
012
3456789
10
11
12
Input Amplitude (V)
tD1
tD2
CLOAD = 1000 pF
VDD = 12V
4
18
6
8
10
12
14
16
0.1
Both Inputs = 1
Both Inputs = 0
VDD
1
46
8
10
12
14
16
18
V
DD
20
25
15
10
5
Worst Case @ T
J = +150˚C
Typical @ T
A = +25˚C
10
15
20
25
30
35
40
45
-55
-35
-15
5
25
45
65
85
105 125
Temperature (ºC)
tD1
tD2
CLOAD = 1000 pF
VIN = 5V
VDD = 18V
T
A (˚C)
4.0
3.5
3.0
2.5
2.0
–55 –35 –15
5
25
45
65
85
105 125
V
= 18V
DD
Both Inputs = 1
46
8
10
12
14
16
18
20
V
DD
25
15
10
5
Worst Case @ T
J = +150˚C
Typical @ TA = +25˚C


同様の部品番号 - TC4426CPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC4426CPA TELCOM-TC4426CPA Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426CPA MICROCHIP-TC4426CPA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
More results

同様の説明 - TC4426CPA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com