データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4429VG データシート(PDF) 6 Page - Microchip Technology

部品番号 TC4429VG
部品情報  6A High-Speed MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4429VG データシート(HTML) 6 Page - Microchip Technology

Back Button TC4429VG Datasheet HTML 2Page - Microchip Technology TC4429VG Datasheet HTML 3Page - Microchip Technology TC4429VG Datasheet HTML 4Page - Microchip Technology TC4429VG Datasheet HTML 5Page - Microchip Technology TC4429VG Datasheet HTML 6Page - Microchip Technology TC4429VG Datasheet HTML 7Page - Microchip Technology TC4429VG Datasheet HTML 8Page - Microchip Technology TC4429VG Datasheet HTML 9Page - Microchip Technology TC4429VG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC4420/TC4429
DS21419C-page 6
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-7:
Rise and Fall Times vs.
Temperature.
FIGURE 2-8:
Propagation Delay Time vs.
Supply Voltage.
FIGURE 2-9:
Supply Current vs.
Frequency.
FIGURE 2-10:
High-State Output
Resistance vs Supply Voltage.
FIGURE 2-11:
Effect of Input Amplitude on
Propagation Delay.
FIGURE 2-12:
Low-State Output
Resistance vs. Supply Voltage.
–60
–20
20
60
100
140
TA (°C)
t
RISE
t
50
40
30
20
10
0
C = 2200 pF
V
= 18V
DD
FALL
L
65
60
55
50
45
40
35
4
6
8
10
121416
18
Supply Voltage (V)
tD2
tD1
100
0
0
100
1000
10,000
Frequency (kHz)
10
1000
18V
10V
5V
C = 2200 pF
L
5
4
3
2
59
13
Supply Voltage (V)
100 mA
50 mA
10 mA
711
15
200
160
120
80
40
0
56
7
11
13
15
Load = 2200 pF
Input 2.4V
Input 3V
Input 5V
Input 8V and 10V
8
9
10
12
14
V
(V)
DD
2.5
2
1.5
1
59
13
Supply Voltage (V)
100 mA
50 mA
10 mA
711
15


同様の部品番号 - TC4429VG

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC4429VMF MICROCHIP-TC4429VMF Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results

同様の説明 - TC4429VG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
   6A High Speed MOSFET Drivers
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
   6A, High Speed MOSFET Drivers
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
   6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
   6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
   6A High-Speed MOSFET Drivers
2005
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
   6A HIGH-SPEED MOSFET DRIVERS
10/18/96
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
   6A High-Speed Power MOSFET Drivers
07/14/15
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
   6A High-Speed Power MOSFET Drivers
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com