データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8562Q データシート(PDF) 3 Page - NXP Semiconductors

部品番号 TDA8562Q
部品情報  4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8562Q データシート(HTML) 3 Page - NXP Semiconductors

  TDA8562Q Datasheet HTML 1Page - NXP Semiconductors TDA8562Q Datasheet HTML 2Page - NXP Semiconductors TDA8562Q Datasheet HTML 3Page - NXP Semiconductors TDA8562Q Datasheet HTML 4Page - NXP Semiconductors TDA8562Q Datasheet HTML 5Page - NXP Semiconductors TDA8562Q Datasheet HTML 6Page - NXP Semiconductors TDA8562Q Datasheet HTML 7Page - NXP Semiconductors TDA8562Q Datasheet HTML 8Page - NXP Semiconductors TDA8562Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
July 1994
3
Philips Semiconductors
Product specification
4 x 12 W single-ended car radio power amplifier with
dynamic distortion detector and diagnostic interface
TDA8562Q
handbook, full pagewidth
mode
select
switch
MEA865 - 1
output 1
15 k
15 k
x1
VA
stand-by
switch
VP
mute
switch
stand-by
reference
voltage
5
13
VP1
VP2
18 k
2
k
mute switch
VA
Cm
power stage
18 k
mute switch
VA
Cm
power stage
6
8
14
18 k
mute switch
VA
Cm
power stage
18 k
mute switch
VA
Cm
power stage
12
10
27
11
ground
(signal)
GND1
GND2
power ground (substrate)
output 4
output 3
output 2
input 1
input 4
17
1
TDA8562Q
mute
reference
voltage
input
reference
voltage
2
k
60
k
60
k
input 2
3
PROTECTIONS
thermal
short-circuit
diagnostic
output
16
4
supply voltage
ripple rejection
input 3
15
2
k
60
k
2
k
60
k
9
not connected
Fig.1 Block diagram.


同様の部品番号 - TDA8562Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

同様の説明 - TDA8562Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8565Q PHILIPS-TDA8565Q Datasheet
104Kb / 14P
   4 x 12 W single-ended car radio power amplifier with diagnostic interface
1995 Dec 08
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com