データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC650CGUATR データシート(PDF) 3 Page - STMicroelectronics

部品番号 TC650CGUATR
部品情報  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC650CGUATR データシート(HTML) 3 Page - STMicroelectronics

  TC650CGUATR Datasheet HTML 1Page - STMicroelectronics TC650CGUATR Datasheet HTML 2Page - STMicroelectronics TC650CGUATR Datasheet HTML 3Page - STMicroelectronics TC650CGUATR Datasheet HTML 4Page - STMicroelectronics TC650CGUATR Datasheet HTML 5Page - STMicroelectronics TC650CGUATR Datasheet HTML 6Page - STMicroelectronics TC650CGUATR Datasheet HTML 7Page - STMicroelectronics TC650CGUATR Datasheet HTML 8Page - STMicroelectronics TC650CGUATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2004 Microchip Technology Inc.
DS21450C-page 3
TC650/TC651
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Input Voltage (VDD to GND) ...................................+6V
Output Voltage (OUT to GND) ................................. 6V
Voltage On Any Pin ....... (GND – 0.3V) to (VDD + 0.3V)
Operating Temperature Range ......... –40
°C to +125°C
Storage Temperature ........................ –65
°C to +150°C
† Notice: Stresses above those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the device.
These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated
in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, VDD = 2.8V to 5.5V, SHDN = VDD, TA = –40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
2.8
5.5
V
Supply Current
IDD
—50
90
µA
PWM, TOVER are open
SHDN Input
SHDN Input High Threshold
VIH
65
%VDD
SHDN Input Low Threshold
VIL
——
15
%VDD
PWM Output
PWM Output Low Voltage
VOL
0.3
V
ISINK = 1 mA
PWM Output High Voltage
VOH
VDD – 0.5
V
ISOURCE = 5 mA
PWM Rise Time
tR
—10
µs
IOH = 5 mA, 1 nF from
PWM to GND
PWM Fall Time
tF
—10
µs
IOL = 1 mA, 1 nF from
PWM to GND
PWM Frequency
fOUT
10
15
Hz
Start-up Time
tSTARTUP
32/fOUT
—sec
VDD Rises from GND
or SHDN Released
Temperature Accuracy
High Temperature Accuracy
TH ACC
TH – 3
TH
TH + 3
°C
Note 1
Temperature Range Accuracy (TH –TL) ACC
–1.0
+1.0
°C
(TH – TL) ≤ 20°C
–2.5
+2.5
°C
(TH – TL) ≥ 20°C
Auto-shutdown Hysteresis
THYST
—(TH -TL)/5
°C
TC651 Only
TOVER Output
TOVER Output High Voltage
VHIGH
VDD – 0.5
V
ISOURCE = 1.2 mA
TOVER Output Low Voltage
VLOW
0.4
V
ISINK = 2.5 mA
Absolute Accuracy
TOVER ACC
—TH + 10
°C
At Trip Point
Trip Point Hysteresis
TOVER HYST
—5
°C
Note 1:
Transition from 90% to 100% Duty Cycle.


同様の部品番号 - TC650CGUATR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC650CGVUA MICROCHIP-TC650CGVUA Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
More results

同様の説明 - TC650CGUATR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com