データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC651CGUATR データシート(PDF) 7 Page - STMicroelectronics

部品番号 TC651CGUATR
部品情報  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TC651CGUATR データシート(HTML) 7 Page - STMicroelectronics

Back Button TC651CGUATR Datasheet HTML 3Page - STMicroelectronics TC651CGUATR Datasheet HTML 4Page - STMicroelectronics TC651CGUATR Datasheet HTML 5Page - STMicroelectronics TC651CGUATR Datasheet HTML 6Page - STMicroelectronics TC651CGUATR Datasheet HTML 7Page - STMicroelectronics TC651CGUATR Datasheet HTML 8Page - STMicroelectronics TC651CGUATR Datasheet HTML 9Page - STMicroelectronics TC651CGUATR Datasheet HTML 10Page - STMicroelectronics TC651CGUATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2004 Microchip Technology Inc.
DS21450C-page 7
TC650/TC651
4.0
DETAILED DESCRIPTION
The TC650/TC651 acquire and convert their junction
temperature (TJ) information from an on-chip, solid-
state sensor with a typical accuracy of ±1°C. The tem-
perature data is digitally stored in an internal register.
The register is compared with pre-defined threshold val-
ues. The six threshold values are equally distributed
over a pre-defined range of temperatures (see Table 4-
1). The TC650/TC651 control the speed of a DC brush-
less fan using a fractional speed-control scheme. The
output stage requires only a 2N2222-type, small-signal
BJT for fans up to 300 mA. For larger current fans (up
to 1 amp), a logic-level N-channel MOSFET may be
used. In addition to controlling the speed of the fan, the
TC650/TC651 include an on-chip overtemperature
alarm (TOVER) that gives a low signal when the temper-
ature of the chip exceeds TH by 10°C (typical). This fea-
ture eliminates the need for a separate temperature
sensor for overtemperature monitoring. Figure 4-1
shows the block diagram of the device.
FIGURE 4-1:
Functional Block Diagram.
4.1
PWM Output
The PWM pin is designed to drive a low-cost transistor
or MOSFET as the low-side, power-switching element
in the system. This output has an asymmetric
complementary drive and is optimized for driving NPN
transistors or N-channel MOSFETs. Since the system
relies on PWM rather than linear power control, the
dissipation in the power switch is kept to a minimum.
Generally,
very
small
devices
(TO-92
or
SOT
packages) will suffice. The frequency of the PWM is
about 15 Hz. The PWM is also the time base for the
Start-up Timer (see Section 4.2 “Start-Up Timer”).
The PWM duty cycle has a range of 40% to 100% for
the TC650 and 50% to 100% for the TC651.
4.2
Start-Up Timer
To ensure reliable fan start-up, the Start-up Timer turns
PWM high for about 2 seconds whenever the fan is
started from the off state. This occurs at power-up and
when coming out of Shutdown mode.
4.3
Overtemperature Alert (TOVER)
This pin goes low when the TH set point is exceeded by
10°C (typical). This indicates that the fan is at
maximum drive and the potential exists for system
overheating; either heat dissipation in the system has
gone beyond the cooling system's design limits or
some fault exists (such as fan bearing failure or an air-
flow obstruction). This output may be treated as a
“System Overheat” warning and be used to either
trigger system shutdown or bring other fans in the
system to full speed. The fan will continue to run at full
speed while TOVER is asserted. Built-in hysteresis
prevents TOVER from “chattering” when the measured
temperature is at or near the TH + 10°C trip point. As
temperature falls through the TH + 10°C trip point, hys-
teresis maintains the TOVER output low until the
measured temperature is 5°C above the trip point
setting.
4.4
Shutdown (SHDN)
The fan can be unconditionally shut down by pulling
the SHDN pin low. During shutdown, the PWM output
is low; ideal for notebook computers and other portable
applications where you need to change batteries and
must not have the fan running at that time. Thermal
monitoring and TOVER are still in operation during
shutdown. IDD shutdown current is around 50 µA.
4.5
Auto-shutdown Mode
The
TC651
features
auto-shutdown.
When
the
temperature is below the factory set point at minimum
speed (TL), PWM is low and the fan is automatically
shut off (Auto-shutdown mode). This feature is ideal for
notebook computers and other portable equipment that
need to conserve as much battery power as possible
and, thus, run a fan when it is only absolutely needed.
The TC651 will continue to be active in order to monitor
temperature for TOVER. The TC651 exits Auto-
shutdown mode when the temperature rises above the
factory set point (T1).
Temperature Sensor
Duty Cycle
Logic
Control
A/D Converter
Oscillator
Temperature
Set Point and
Trim Range
SHDN
TOVER
PWM
VDD
V+


同様の部品番号 - TC651CGUATR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC651CGVUA MICROCHIP-TC651CGVUA Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
More results

同様の説明 - TC651CGUATR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
   Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan
04/20/02
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
   Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
   Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
   DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com