データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC670 データシート(PDF) 5 Page - Microchip Technology

部品番号 TC670
部品情報  Tiny Predictive Fan Failure Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670 データシート(HTML) 5 Page - Microchip Technology

  TC670_03 Datasheet HTML 1Page - Microchip Technology TC670_03 Datasheet HTML 2Page - Microchip Technology TC670_03 Datasheet HTML 3Page - Microchip Technology TC670_03 Datasheet HTML 4Page - Microchip Technology TC670_03 Datasheet HTML 5Page - Microchip Technology TC670_03 Datasheet HTML 6Page - Microchip Technology TC670_03 Datasheet HTML 7Page - Microchip Technology TC670_03 Datasheet HTML 8Page - Microchip Technology TC670_03 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
 2003 Microchip Technology Inc.
DS21688C-page 5
TC670
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Input (THRESHOLD)
The voltage set at the THRESHOLD input represents
the fan speed at which the TC670 will signal a fan
speed warning by pulling the ALERT output low. The
threshold voltage to fan speed correlation can be seen
in Figures 2-2 and 2-3.
3.2
Ground (GND)
The GND pin (Pin 2) of the TC670 should be connected
directly to the analog ground plane of the circuit board.
Care should be taken to keep this pin away from
switching signals, such as the fan excitation signals in
order to avoid false signals on the SENSE pin.
3.3
Digital Input (CLEAR)
The CLEAR input is used to reset or blank the ALERT
output. When the CLEAR input is driven high, the
ALERT output will be high-impedance (the ALERT
output requires a pull-up resistor).
3.4
Bias Supply Input (VDD)
Bias Supply Input, 3.0V to 5.5V. The bias supply input
should be bypassed to ground with a 0.1 µF ceramic
capacitor.
3.5
Digital (Open-Drain) Output
(ALERT)
The ALERT output is an open-drain output that
requires an external pull-up resistor. The ALERT output
is pulled low when the sensed fan speed (detected by
the pulses occurring at the SENSE input) falls below
the speed that is represented by the voltage at the
THRESHOLD pin. The ALERT output is latched in this
state until power is cycled or the CLEAR input is
toggled.
3.6
Analog Input (SENSE)
Voltage pulses, which are generated by the fan current
flowing through a sense resistor, are detected at the
SENSE pin and used to calculate the fan speed.
Pin
No.
Symbol
Description
1
THRESHOLD Analog Input
2
GND
Ground Terminal
3
CLEAR
Digital Input
4VDD
Bias Supply Input
5ALERT
Digital (Open-Drain) Output
6
SENSE
Analog Input


同様の部品番号 - TC670_03

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC670ECH MICROCHIP-TC670ECH Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
TC670ECHTR MICROCHIP-TC670ECHTR Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
More results

同様の説明 - TC670_03

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
   Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670 Datasheet
469Kb / 12P
   Tiny Predictive Fan Failure Detector
2002
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
   Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
STMicroelectronics
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
   AC switch failure mode detector
logo
List of Unclassifed Man...
A5219 ETC-A5219 Datasheet
60Kb / 1P
   Supervisor IC indicates fan failure
logo
Advantech Co., Ltd.
ESRP-MPM-UNO3382 ADVANTECH-ESRP-MPM-UNO3382 Datasheet
4Mb / 2P
   Predictive Edge Analyzer
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
   Non-Predictive Selcall Module
logo
List of Unclassifed Man...
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
   FAILURE REPORT
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com