データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8574 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA8574
部品情報  Class-H high-output voltage level line driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8574 データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA8574 Datasheet HTML 7Page - NXP Semiconductors TDA8574 Datasheet HTML 8Page - NXP Semiconductors TDA8574 Datasheet HTML 9Page - NXP Semiconductors TDA8574 Datasheet HTML 10Page - NXP Semiconductors TDA8574 Datasheet HTML 11Page - NXP Semiconductors TDA8574 Datasheet HTML 12Page - NXP Semiconductors TDA8574 Datasheet HTML 13Page - NXP Semiconductors TDA8574 Datasheet HTML 14Page - NXP Semiconductors TDA8574 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1998 Oct 16
11
Philips Semiconductors
Product specification
Class-H high-output voltage level line
driver
TDA8574
PACKAGE OUTLINES
UNIT
A
max.
A1
A2
A3
bp
cD
(1)
E
(1)
(1)
eHE
LLp
Q
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.30
0.10
2.45
2.25
0.49
0.36
0.32
0.23
10.5
10.1
7.6
7.4
1.27
10.65
10.00
1.1
1.0
0.9
0.4
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.4
SOT162-1
8
16
w M
b p
D
detail X
Z
e
9
1
y
0.25
075E03
MS-013AA
pin 1 index
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.41
0.40
0.30
0.29
0.050
1.4
0.055
0.419
0.394
0.043
0.039
0.035
0.016
0.01
0.25
0.01
0.004
0.043
0.016
0.01
X
θ
A
A1
A2
HE
L p
Q
E
c
L
v M A
(A )
3
A
0
5
10 mm
scale
SO16: plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
95-01-24
97-05-22


同様の部品番号 - TDA8574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8575T PHILIPS-TDA8575T Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
More results

同様の説明 - TDA8574

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
[Old version datasheet]   Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
THS6132 TI-THS6132 Datasheet
339Kb / 17P
[Old version datasheet]   HIGH EFFICIENCY CLASS - G ADSL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com