データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8578 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA8578
部品情報  Dual common-mode rejection differential line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8578 データシート(HTML) 5 Page - NXP Semiconductors

  TDA8578 Datasheet HTML 1Page - NXP Semiconductors TDA8578 Datasheet HTML 2Page - NXP Semiconductors TDA8578 Datasheet HTML 3Page - NXP Semiconductors TDA8578 Datasheet HTML 4Page - NXP Semiconductors TDA8578 Datasheet HTML 5Page - NXP Semiconductors TDA8578 Datasheet HTML 6Page - NXP Semiconductors TDA8578 Datasheet HTML 7Page - NXP Semiconductors TDA8578 Datasheet HTML 8Page - NXP Semiconductors TDA8578 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1995 Dec 15
5
Philips Semiconductors
Product specification
Dual common-mode rejection differential
line receiver
TDA8578
AC CHARACTERISTICS
VCC = 8.5 V; f = 1 kHz; Tamb =25 °C; in accordance with test circuit (see Fig.3); unless otherwise specified.
Notes
1. Frequency response externally fixed by the input coupling capacitors.
2. Noise output voltage is measured in a bandwidth of 20 Hz to 20 kHz (unweighted).
3. The common-mode rejection ratio is measured at the output, with a voltage source of 1 V (RMS), in accordance with
test circuit (see Fig.3), while VINL and VINR are short-circuited. Frequencies between 100 Hz and 100 kHz.
4. Ripple rejection is measured at the output, with Rs =2kΩ; f = 1 kHz and a ripple amplitude of 2 V (p-p).
5. Ripple rejection is measured at the output, with Rs =0 Ω up to 2 kΩ and f = 100 Hz to 20 kHz; maximum ripple
amplitude of 2 V (p-p).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gv
voltage gain
−0.5
0
+0.5
dB
α
cs
channel separation
Rs =5kΩ
70
80
dB
∆G
v
channel unbalance
−−
0.5
dB
fL
low frequency roll-off
−1 dB; note 1
20
−−
Hz
fH
high frequency roll-off
−1dB
20
−−
kHz
Z
i
input impedance
100
240
k
Zo
output impedance
−−
10
Vi(max)
maximum input voltage
THD = 1%
2
V
Vno
noise output voltage
Rs =0 Ω; note 2
3.7
5
µV
VCM(rms)
common-mode input voltage
(RMS value)
−−
1V
CMRR
common-mode rejection ratio
Rs =5kΩ
66
70
dB
Rs =0 Ω; note 3
80
dB
SVRR
supply voltage ripple rejection
note 4
55
65
dB
note 5
60
dB
THD
total harmonic distortion
Vi =1V
0.02
%
Vi =1V;
f = 20 Hz to 20 kHz
−−
0.1
%
THDmax
total harmonic distortion at
maximum output current
Vi =1V; RL = 150 Ω−
1%


同様の部品番号 - TDA8578

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8571 PHILIPS-TDA8571 Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
More results

同様の説明 - TDA8578

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
REV. C
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com