データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8579T データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA8579T
部品情報  Dual common-mode rejection differential line receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8579T データシート(HTML) 5 Page - NXP Semiconductors

  TDA8579T Datasheet HTML 1Page - NXP Semiconductors TDA8579T Datasheet HTML 2Page - NXP Semiconductors TDA8579T Datasheet HTML 3Page - NXP Semiconductors TDA8579T Datasheet HTML 4Page - NXP Semiconductors TDA8579T Datasheet HTML 5Page - NXP Semiconductors TDA8579T Datasheet HTML 6Page - NXP Semiconductors TDA8579T Datasheet HTML 7Page - NXP Semiconductors TDA8579T Datasheet HTML 8Page - NXP Semiconductors TDA8579T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1995 Dec 15
5
Philips Semiconductors
Product specification
Dual common-mode rejection
differential line receiver
TDA8579
CHARACTERISTICS
VCC = 8.5 V; Tamb =25 °C; f = 1 kHz; measured in test circuit of Fig.3; unless otherwise specified.
Notes
1. The DC output voltage with respect to ground is approximately 0.5VCC.
2. The frequency response is externally fixed by the input coupling capacitors.
3. The noise output voltage is measured in a bandwidth of 20 Hz to 20 kHz (unweighted).
4. The common-mode rejection ratio is measured at the output with a voltage source 1 V (RMS) in accordance with the
test circuit (see Fig.3) while VINL and VINR are short-circuited. Frequencies between 100 Hz and 100 kHz.
5. The ripple rejection is measured at the output, with Rs =2kΩ, f = 1 kHz and a ripple amplitude of 2 V (p-p).
6. The ripple rejection is measured at the output, with Rs = 0 to 2 kΩ, f = 100 Hz to 20 kHz and a maximum ripple
amplitude of 2 V (p-p).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
5.0
8.5
18
V
ICC
supply current
11
14
mA
VO
DC output voltage
note 1
4.3
V
tset
DC input voltage settling time
0.2
s
Gv
voltage gain
−0.5
0
+0.5
dB
α
cs
channel separation
Rs =5kΩ
70
80
dB
∆Gv
channel unbalance
−−
0.5
dB
fL
low frequency roll-off
−1 dB; note 2
20
−−
Hz
fH
high frequency roll-off
−1dB
20
−−
kHz
Zi
input impedance
100
240
k
Z
o
output impedance
−−
10
Vi(max)
maximum input voltage
THD = 1%
2.0
V
Vno
noise output voltage
Rs =0 Ω; note 3
3.7
5.0
µV
VCM(rms)
common-mode input voltage
(RMS value)
−−
1.0
V
CMRR
common-mode rejection ratio
Rs =5kΩ
66
70
dB
Rs =0 Ω; note 4
80
dB
SVRR
supply voltage ripple rejection
note 5
55
65
dB
note 6
60
dB
THD
total harmonic distortion
Vi =1V;
0.02
%
Vi =1V;
f = 20 Hz to 20 kHz
−−
0.1
%
THDmax
total harmonic distortion at
maximum output current
Vi =1V; RL = 150 Ω−
1%


同様の部品番号 - TDA8579T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
More results

同様の説明 - TDA8579T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
   High Common-Mode Rejection Differential Line Receiver
REV. B
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
REV. C
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
SN75157 TI1-SN75157_14 Datasheet
906Kb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
   Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com