データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8706A データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TDA8706A
部品情報  6-bit analog-to-digital converter with multiplexer and clamp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706A データシート(HTML) 9 Page - NXP Semiconductors

Back Button TDA8706A Datasheet HTML 5Page - NXP Semiconductors TDA8706A Datasheet HTML 6Page - NXP Semiconductors TDA8706A Datasheet HTML 7Page - NXP Semiconductors TDA8706A Datasheet HTML 8Page - NXP Semiconductors TDA8706A Datasheet HTML 9Page - NXP Semiconductors TDA8706A Datasheet HTML 10Page - NXP Semiconductors TDA8706A Datasheet HTML 11Page - NXP Semiconductors TDA8706A Datasheet HTML 12Page - NXP Semiconductors TDA8706A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1996 Jul 30
9
Philips Semiconductors
Product specification
6-bit analog-to-digital converter
with multiplexer and clamp
TDA8706A
Table 1
Output coding and input voltage (typical values)
Table 2
Clamping input level (VCLPR, VCLPG and VCLPB)
Note
1. Use capacitor
≥10 pF to VSSA.
Table 3
Clamp and inputs RED, GREEN and BLUE; VDDA =VDDD =VDDO =3V
Note
1. Where X = don’t care.
Table 4
Clamping characteristic related to TV signals
STEP
Vi(p-p) (V)
BINARY OUTPUT BITS
VDDA =VDDD =3V VDDA =VDDD = 5 V
D5
D4
D3
D2
D1
D0
Underflow
<VDDA − 1.1
<VDDA − 1.06
0
0
0
0
0
0
0VDDA − 1.1
VDDA − 1.06
0
0
0
0
0
0
1
.
.
0
00001
.
.
.
.
.....
.
.
.
.
.....
62
.
.
111110
63
VDDA − 0.4
VDDA − 0.4
111111
Overflow
>VDDA − 0.4
>VDDA − 0.4
111111
VCLPR, VCLPG AND VCLPB
CLAMPING LEVEL
Open-circuit(1)
code 0
Vcode −9 to Vcode 20
code
−9 to code 20
SR or SG or SB
CLAMP
VCLPR, VCLPG or VCLPB
Vi RED or GREEN or BLUE
DIGITAL OUTPUTS
0
1
open
VDDA − 1.1 V
X(1)
VCLP
VCLP
1
open
VDDA − 1.1 V
0
VCLP
VCLP
code (VCLP)
PARAMETER
MIN.
TYP.
MAX.
UNIT
Clamping time per line (signal active)
2.2
3.0
−µs
Input signals clamped to correct level
3
10
lines


同様の部品番号 - TDA8706A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706T PHILIPS-TDA8706T Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
More results

同様の説明 - TDA8706A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com