データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8706T データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8706T
部品情報  6-bit analog-to-digital converter with multiplexer and clamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8706T データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8706T Datasheet HTML 2Page - NXP Semiconductors TDA8706T Datasheet HTML 3Page - NXP Semiconductors TDA8706T Datasheet HTML 4Page - NXP Semiconductors TDA8706T Datasheet HTML 5Page - NXP Semiconductors TDA8706T Datasheet HTML 6Page - NXP Semiconductors TDA8706T Datasheet HTML 7Page - NXP Semiconductors TDA8706T Datasheet HTML 8Page - NXP Semiconductors TDA8706T Datasheet HTML 9Page - NXP Semiconductors TDA8706T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1996 Aug 20
6
Philips Semiconductors
Preliminary specification
6-bit analog-to-digital converter with
multiplexer and clamp
TDA8706
CHARACTERISTICS (see Tables 1 and 2)
VCCA = 4.5 to 5.5 V; VCCD = 4.5 to 5.5 V = VCCD; Tamb = 0 to +70 °C; CVRB =CVR1 = 100 nF; Typical values measured
at VCCA =VCCD = 5 V and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage (pin 2)
4.5
5.0
5.5
V
VCCD
digital supply voltage (pin 10)
4.5
5.0
5.5
V
ICCA
analog supply current (pin 2)
32
39
mA
ICCD
digital supply current (pin 10)
all outputs at LOW level
28
37
mA
Inputs
CLOCK INPUT (PIN 13)
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2.0
VCCD
V
IIL
LOW level input current
VCLK = 0.4 V
−400
−−µA
IIH
HIGH level input current
VCLK = 2.7 V
−−
100
µA
ZI
input impedance
fCLK = 20 MHz
4
k
Ci
input capacitance
fCLK = 20 MHz
2
pF
A, B, C, CLAMP AND CEN INPUTS (PINS 8, 9, 10, 12 AND 14)
VIL
LOW level input voltage
0
0.8
V
VIH
HIGH level input voltage
2
VCCD
V
IIL
LOW level input current
VCLK = 0.4 V
−400
−−µA
IIH
HIGH level input current
VCLK = 2.7 V
−−
20
µA
Reference voltage (pins 3 and 4)
VRT
reference voltage TOP decoupling
3.22
3.35
3.44
V
VRB
reference voltage BOTTOM decoupling
1.84
1.9
1.96
V
VRT − VRB reference voltage TOP − BOTTOM decoupling
1.36
1.435
1.48
V
Analog inputs INA, INB, INC (pins 7, 6 and 5)
VI(p-p)
input voltage amplitude (peak-to-peak value)
840
900
940
mV
ZI
input impedance
fi = 4.43 MHz
100
−−
k
Cclamp
coupling clamp capacitance
1
10
1000
nF
Analog signal processing (pins 5, 6 and 7) (fCLK = 20 MHz)
f1
fundamental harmonics (full scale)
fi = 4.43 MHz
−−
0dB
fall
harmonics (full scale); all components
fi = 4.43 MHz
−−45
dB
Gdiff
differential gain
note 1
0.4
%
φdiff
differential phase
note 1
1.0
deg
SVRR
supply voltage ripple rejection
note 2
−−30
dB


同様の部品番号 - TDA8706T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
TDA8706AM PHILIPS-TDA8706AM Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
More results

同様の説明 - TDA8706T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Texas Instruments
TL5501 TI-TL5501 Datasheet
115Kb / 7P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
TL5501 TI1-TL5501_05 Datasheet
144Kb / 8P
[Old version datasheet]   6-BIT ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Burr-Brown (TI)
ADS1112 BURR-BROWN-ADS1112 Datasheet
682Kb / 18P
   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
logo
Mitel Networks Corporat...
VP216 MITEL-VP216 Datasheet
143Kb / 8P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Zarlink Semiconductor I...
VP216 ZARLINK-VP216 Datasheet
253Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter with VCO
logo
Mitel Networks Corporat...
VP215 MITEL-VP215 Datasheet
187Kb / 9P
   Dual 90MHz 6-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com