データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8708AT データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TDA8708AT
部品情報  Video analog input interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8708AT データシート(HTML) 10 Page - NXP Semiconductors

Back Button TDA8708AT Datasheet HTML 6Page - NXP Semiconductors TDA8708AT Datasheet HTML 7Page - NXP Semiconductors TDA8708AT Datasheet HTML 8Page - NXP Semiconductors TDA8708AT Datasheet HTML 9Page - NXP Semiconductors TDA8708AT Datasheet HTML 10Page - NXP Semiconductors TDA8708AT Datasheet HTML 11Page - NXP Semiconductors TDA8708AT Datasheet HTML 12Page - NXP Semiconductors TDA8708AT Datasheet HTML 13Page - NXP Semiconductors TDA8708AT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
June 1994
10
Philips Semiconductors
Product specification
Video analog input interface
TDA8708A
Table 1 Video input selection (CVBS).
Table 2 AGC output current.
Note
1. X = don't care.
2. Mode 2 can only be initialized with successive pulses
on GATE A and GATE B (see Fig.5).
I1
I0
SELECTED INPUT
0
0
VIN0
0
1
VIN1
1
0
VIN2
1
1
VIN2
GATE A GATE B
DIGITAL
OUTPUT
IAGC
MODE(2)
1
1
output
< 255 −2.5 µA1
output
> 255 IAGCM
1
0X(1)
output
< 248 0 µA2
output
> 248 IAGCM
2
1
0
output
< 0
+2.5
µA2
0 < output <
248
−2.5 µA2
output > 248
IAGCM
2
Table 3 CLAMP output current.
Note
1. X = don't care.
Table 4 OF input coding.
Note
1. Use C
≥ 10 pF to DGND.
GATE A GATE B
DIGITAL
OUTPUT
ICLAMP
MODE
1
1
output
< 0ICLAMPM
1
output
> 0
−2.5 µA1
X(1)
0X(1)
0
µA2
0
1
output
< 64
+50
µA2
64 < output
−50 µA2
OF
D0 TO D7
0
active, two's complement
1
high impedance
open circuit(1)
active, binary
Table 5 Output coding and input voltage (typical values).
STEP
VADCIN
BINARY OUTPUTS
TWO'S COMPLEMENT
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Underflow
0000000010000000
0VCCA − 2.41 V
0000000010000000
1
0000000110000001
.
................
.
................
254
1111111001111110
255
VCCA − 1.41 V
1111111101111111
Overflow
1111111101111111


同様の部品番号 - TDA8708AT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8708 PHILIPS-TDA8708 Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8708BT PHILIPS-TDA8708BT Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
More results

同様の説明 - TDA8708AT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8709A PHILIPS-TDA8709A Datasheet
170Kb / 28P
   Video analog input interface
June 1994
TDA8708B PHILIPS-TDA8708B Datasheet
130Kb / 24P
   Video analog input interface
1996 Nov 26
TDA8707 PHILIPS-TDA8707 Datasheet
97Kb / 16P
   Triple RGB 6-bit video analog-to-digital interface
1996 Feb 01
TDA8758 PHILIPS-TDA8758 Datasheet
196Kb / 24P
   YC 8-bit low-power analog-to-digital video interface
1996 Feb 01
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
NXP Semiconductors
TDA8755 PHILIPS-TDA8755 Datasheet
153Kb / 20P
   YUV 8-bit video low-power analog-to-digital interface
1995 Mar 09
logo
New Japan Radio
NJW1326 NJRC-NJW1326 Datasheet
222Kb / 16P
   Multi Input Wide Band Video Interface with I2C Control
NJW1328 NJRC-NJW1328 Datasheet
237Kb / 19P
   Multi Input Wide Band Video Interface with I2C Control
logo
Texas Instruments
TVP3026 TI-TVP3026 Datasheet
513Kb / 107P
[Old version datasheet]   Video Interface Palette
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com