データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK10C48-S25I データシート(PDF) 7 Page - Simtek Corporation

部品番号 STK10C48-S25I
部品情報  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48-S25I データシート(HTML) 7 Page - Simtek Corporation

Back Button STK10C48-S25I Datasheet HTML 3Page - Simtek Corporation STK10C48-S25I Datasheet HTML 4Page - Simtek Corporation STK10C48-S25I Datasheet HTML 5Page - Simtek Corporation STK10C48-S25I Datasheet HTML 6Page - Simtek Corporation STK10C48-S25I Datasheet HTML 7Page - Simtek Corporation STK10C48-S25I Datasheet HTML 8Page - Simtek Corporation STK10C48-S25I Datasheet HTML 9Page - Simtek Corporation STK10C48-S25I Datasheet HTML 10Page - Simtek Corporation STK10C48-S25I Datasheet HTML 11Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STK10C48
March 2006
7
Document Control # ML0002 rev 0.2
RECALL CYCLES #1, #2 & #3
(VCC = 5.0V ± 10%)
Note p:
Measured with W and NE both high, and G and E low.
Note q:
Once tNLNH has been satisfied by NE, G, W and E, the RECALL cycle is completed automatically. Any of NE, G or E may be used to terminate
the RECALL initiation cycle.
Note r:
If W is low at any point in which both E and NE are low and G is high, then a STORE cycle will be initiated instead of a RECALL.
RECALL CYCLE #1: NE Controlledn
RECALL CYCLE #2: E Controlledn
RECALL CYCLE #3: G Controlledn, r
NO.
SYMBOLS
PARAMETER
MIN
MAX
UNITS
#1
#2
#3
33
tNLQX
p
tELQX
tGLQX
RECALL Cycle Time
20
μs
34
tNLNH
q
tELNH
tGLNH
RECALL Initiation Cycle Time
20
ns
35
tNLEL
tNLGL
NE Set-up
0
ns
36
tGLNL
tGLEL
Output Enable Set-up
0
ns
37
tWHNL
tWHEL
tWHGL
Write Enable Set-up
0
ns
38
tELNL
tGLEL
tELGL
Chip Enable Set-up
0
ns
39
tNLQZ
NE Fall to Outputs Inactive
20
ns
40
tRESTORE
Power-up RECALL Duration
550
μs
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
34
tNLNH
36
tGLNL
37
tWHNL
38
tELNL
39
tNLQZ
33
tNLQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
35
tNLEL
36
tGLEL
37
tWHEL
34
tELNH
33
tELQX
NE
G
W
E
DQ (DATA OUT)
HIGH IMPEDANCE
35
tNLGL
33
tGLQX
34
tGLNH
37
tWHGL
38
tELGL


同様の部品番号 - STK10C48-S25I

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK10C48-S25I ETC-STK10C48-S25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

同様の説明 - STK10C48-S25I

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com