データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK10C48-PF35I データシート(PDF) 3 Page - Simtek Corporation

部品番号 STK10C48-PF35I
部品情報  2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C48-PF35I データシート(HTML) 3 Page - Simtek Corporation

  STK10C48-PF35I Datasheet HTML 1Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 2Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 3Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 4Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 5Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 6Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 7Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 8Page - Simtek Corporation STK10C48-PF35I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STK10C48
March 2006
3
Document Control # ML0002 rev 0.2
SRAM READ CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note f:
W must be high during SRAM READ cycles and low during SRAM WRITE cycles. NE must be high during entire cycle.
Note g:
I/O state assumes E, G < VIL, W > VIH , and NE ≥ VIH; device is continuously selected.
Note h:
Measured + 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledf, g
SRAM READ CYCLE #2: E Controlledf
NO.
SYMBOLS
PARAMETER
STK10C48-25
STK10C48-35
STK10C48-45
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
f
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
g
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
10
15
20
ns
5
tAXQX
g
tOH
Output Hold after Address Change
5
5
5
ns
6
tELQX
tLZ
Chip Enable to Output Active
5
5
5
ns
7
tEHQZ
h
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
h
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICCH
e
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICCL
d, e
tPS
Chip Disable to Power Standby
25
35
45
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ


同様の部品番号 - STK10C48-PF35I

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK10C48-P20 ETC-STK10C48-P20 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P20I ETC-STK10C48-P20I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P25 ETC-STK10C48-P25 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P25I ETC-STK10C48-P25I Datasheet
106Kb / 9P
   2K X 8 NVSRAM
STK10C48-P35 ETC-STK10C48-P35 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
More results

同様の説明 - STK10C48-PF35I

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com