データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8740H データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA8740H
部品情報  Satellite sound circuit with noise reduction
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8740H データシート(HTML) 2 Page - NXP Semiconductors

  TDA8740H Datasheet HTML 1Page - NXP Semiconductors TDA8740H Datasheet HTML 2Page - NXP Semiconductors TDA8740H Datasheet HTML 3Page - NXP Semiconductors TDA8740H Datasheet HTML 4Page - NXP Semiconductors TDA8740H Datasheet HTML 5Page - NXP Semiconductors TDA8740H Datasheet HTML 6Page - NXP Semiconductors TDA8740H Datasheet HTML 7Page - NXP Semiconductors TDA8740H Datasheet HTML 8Page - NXP Semiconductors TDA8740H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
October 1994
2
Philips Semiconductors
Product specification
Satellite sound circuit with noise reduction
TDA8740; TDA8740H
FEATURES
• Demodulation of main audio signal using wide band PLL
(lock range selectable)
• Demodulation of secondary audio signals using wide
band PLL
• HF input selection: two-out-of-eight secondary audio
signals can be selected
• Noise reduction of the secondary audio signals
• Output selection: stereo, language 1, language 2, main
audio and external
• Mute control
• Line outputs (SCART level).
APPLICATIONS
• Satellite receivers
• TV sets
• Video recorders.
GENERAL DESCRIPTION
The TDA8740; TDA8740H is a multi-function sound IC for
use in satellite receivers, television sets and video
recorders. The pin numbers given in parenthesis
throughout this document refer to the QFP44 package.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
8
12
13.2
V
Main channel
VIN3(rms)
input sensitivity pin 18 (14) (RMS value)
S/N(A) = 40 dB
1.0
2.0
mV
∆fOM
lock range PLL demodulator
either
5.5
7.5
MHz
or
10.0
11.5
MHz
VOM
output voltage pin 23 (19)
−9
−6
−4
dBV
S/N(A)
signal-to-noise ratio
A-weighted
62
70
dB
Secondary channels
VIN1,IN2
input sensitivity pins 2, 4, 6, 8, 10, 12, 14 and 16
(1, 3, 5, 7, 9, 11, 40 and 42) (RMS value)
S/N(A) = 40 dB
0.8
1.5
mV
∆fOS1,2
lock range PLL demodulators
6.0
8.5
MHz
VOR,OL
output voltage pins 24 and 25 (20 and 21)
−8
−6
−4
dBV
S/N(A)
signal-to-noise ratio
A-weighted
72
80
dB
Crosstalk
α
S/M
crosstalk from secondary to main channel
74
dB
αM/S
crosstalk from main to secondary channel
74
dB
αS/S
crosstalk between secondary channels
74
dB


同様の部品番号 - TDA8740H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8741 PHILIPS-TDA8741 Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8741H PHILIPS-TDA8741H Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
TDA8742H PHILIPS-TDA8742H Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
   Satellite sound receiver with I2C-bus control
1996 Mar 11
More results

同様の説明 - TDA8740H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8741 PHILIPS-TDA8741 Datasheet
436Kb / 24P
   Satellite sound circuit with noise reduction
October 1994
TDA8742 PHILIPS-TDA8742 Datasheet
284Kb / 21P
   Satellite sound circuit with noise reduction
October 1994
logo
List of Unclassifed Man...
NE646 ETC1-NE646 Datasheet
231Kb / 5P
   Dolby Noise Reduction Circuit
logo
NTE Electronics
NTE2004 NTE-NTE2004 Datasheet
24Kb / 2P
   Integrated Circuit Dolby Noise Reduction Circuit
logo
NXP Semiconductors
TDA8745 PHILIPS-TDA8745 Datasheet
261Kb / 40P
   Satellite sound receiver with I2C-bus control
1996 Mar 11
logo
NTE Electronics
NTE1859 NTE-NTE1859 Datasheet
28Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
NTE15023 NTE-NTE15023 Datasheet
25Kb / 3P
   Integrated Circuit dbx TV Noise Reduction Integrated Circuit
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
NTE Electronics
NTE1801 NTE-NTE1801 Datasheet
22Kb / 3P
   Integrated Circuit TV dbx Noise Reduction System
NTE15014 NTE-NTE15014 Datasheet
22Kb / 3P
   Integrated Circuit Dual dbxII Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com