データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK17T88-RF25I データシート(PDF) 10 Page - Simtek Corporation

部品番号 STK17T88-RF25I
部品情報  32K x 8 AutoStore nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF25I データシート(HTML) 10 Page - Simtek Corporation

Back Button STK17T88-RF25I Datasheet HTML 6Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 7Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 8Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 9Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 10Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 11Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 12Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 13Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
March 2007
Document Control #ML0024 Rev 1.7
STK17T88
HARDWARE STORE CYCLE
Note n: On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete
HARDWARE STORE CYCLE
SYMBOLS
PARAMETER
STK17T88
UNITS
NOTES
Standard
Alternate
MIN
MAX
31
tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μsn
32
tHLHX
Hardware STORE Pulse Width
15
ns
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
31
tDELAY
SRAM Enabled
32
tHLHX
SRAM Enabled
23
tSTORE
Soft Sequence Commands
note o: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register
command.
note p: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
SYMBOLS
PARAMETER
STK17T88
UNITS
NOTES
Standard
MIN
MAX
33
tSS
Soft Sequence Processing Time
70
μso,p
Vcc
33
tSS
ADDRESS
ADDRESS #1
Soft Sequence Command
ADDRESS #6
ADDRESS #1
Soft Sequence Command
ADDRESS #6
33
tSS


同様の部品番号 - STK17T88-RF25I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF25I CYPRESS-STK17T88-RF25I Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17T88-RF25ITR CYPRESS-STK17T88-RF25ITR Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

同様の説明 - STK17T88-RF25I

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com