データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14D88-NF25 データシート(PDF) 9 Page - Simtek Corporation

部品番号 STK14D88-NF25
部品情報  32Kx8 Autostore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14D88-NF25 データシート(HTML) 9 Page - Simtek Corporation

Back Button STK14D88-NF25 Datasheet HTML 5Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 6Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 7Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 8Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 9Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 10Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 11Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 12Page - Simtek Corporation STK14D88-NF25 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STK14D88
9
February 2007
Document Control #ML0033 Rev 1.7
HARDWARE STORE CYCLE
Note n: Read and Write cycles in Progress before HSB is asserted are given this amount of time to complete
HARDWARE STORE CYCLE
SYMBOLS
PARAMETER
STK14D88
UNITS
NOTES
Standard
Alternate
MIN
MAX
1tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μsn
2tHLHX
Hardware STORE Pulse Width
15
ns
HSB (OUT)
HSB (IN)
DQ (DATA OUT)
31
tDELAY
SRAM Enabled
32
tHLHX
SRAM Enabled
23
tSTORE
Soft Sequence Commands
Notes:
o: This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register com-
mand.
p: Commands like Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
NO.
SYMBOLS
PARAMETER
STK14
D88
UNITS
NOTES
Standard
MIN
MAX
1tSS
Soft Sequence Processing Time
70
μso,p
Vcc
34
tSS
ADDRESS
ADDRESS #1
Soft Sequence Command
ADDRESS #6
ADDRESS #1
Soft Sequence Command
ADDRESS #6
34
tSS
31
32
34


同様の部品番号 - STK14D88-NF25

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK14D88-NF25 ETC-STK14D88-NF25 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF25 SIMTEK-STK14D88-NF25 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14D88-NF25I ETC-STK14D88-NF25I Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14D88-NF25I SIMTEK-STK14D88-NF25I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF25ITR SIMTEK-STK14D88-NF25ITR Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
More results

同様の説明 - STK14D88-NF25

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com