データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK22C48-SF45TR データシート(PDF) 6 Page - Simtek Corporation

部品番号 STK22C48-SF45TR
部品情報  2Kx8 AutoStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIMTEK [Simtek Corporation]
ホームページ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK22C48-SF45TR データシート(HTML) 6 Page - Simtek Corporation

Back Button STK22C48-SF45TR Datasheet HTML 2Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 3Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 4Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 5Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 6Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 7Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 8Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 9Page - Simtek Corporation STK22C48-SF45TR Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
February 2007
Document Control #ML0004 Rev 0.3
STK22C48
HARDWARE MODE SELECTION
Note m: HSB STORE operation occurs only if an SRAM write has been done since the last nonvolatile cycle. After the STORE (if any) completes, the
part will go into standby mode, inhibiting all operations until HSB rises.
Note n:
I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
HARDWARE STORE CYCLE
(VCC = 5.0V ± 10%)
e
Note o:
E and G low for output behavior.
Note p:
E and G low and W high for output behavior.
Note q:
tRECOVER is only applicable after tSTORE is complete.
HARDWARE STORE CYCLE
E
W
HSB
A12 - A0 (hex)
MODE
I/O
POWER
NOTES
H
X
H
X
Not Selected
Output High Z
Standby
L
H
H
X
Read SRAM
Output Data
Active
n
L
L
H
X
Write SRAM
Input Data
Active
X
X
L
X
Nonvolatile
STORE
Output High Z
lCC2
m
NO.
SYMBOLS
PARAMETER
STK22C48
UNITS
NOTES
Standard
Alternate
MIN
MAX
22
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
i, o
23
tDELAY
tHLQZ
Time Allowed to Complete SRAM Cycle
1
μs
i, p
24
tRECOVER
tHHQX
Hardware STORE High to Inhibit Off
700
ns
o, q
25
tHLHX
Hardware STORE Pulse Width
15
ns
26
tHLBL
Hardware STORE Low to Store Busy
300
ns
DATA VALID
HSB (IN)
DATA VALID
25
tHLHX
23
tDELAY
22
tSTORE
24
tRECOVER
HSB (OUT)
HIGH IMPEDANCE
26
tHLBL
HIGH IMPEDANCE
DQ (DATA OUT)


同様の部品番号 - STK22C48-SF45TR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK22C48-SF45TR SIMTEK-STK22C48-SF45TR Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK22C48-SF45TR CYPRESS-STK22C48-SF45TR Datasheet
514Kb / 14P
   16 Kbit (2K x 8) AutoStore nvSRAM
More results

同様の説明 - STK22C48-SF45TR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK22C48 SIMTEK-STK22C48_08 Datasheet
316Kb / 16P
   2Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com