データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8779 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8779
部品情報  10-bit converter interface ADC/DAC for quadrature transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8779 Datasheet HTML 2Page - NXP Semiconductors TDA8779 Datasheet HTML 3Page - NXP Semiconductors TDA8779 Datasheet HTML 4Page - NXP Semiconductors TDA8779 Datasheet HTML 5Page - NXP Semiconductors TDA8779 Datasheet HTML 6Page - NXP Semiconductors TDA8779 Datasheet HTML 7Page - NXP Semiconductors TDA8779 Datasheet HTML 8Page - NXP Semiconductors TDA8779 Datasheet HTML 9Page - NXP Semiconductors TDA8779 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Sep 18
6
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VCCA =V7 and V8 to V1 and V13 = 4.75 to 5.5 V; VCCD =V31 and V14 to V28 and V25 = 4.75 to 5.5 V;
VCCO =V44 to V33 = 2.7 to 5.5 ; AGND1, AGND2, OGND, DGND1 and DGND2 are shorted together;
Tamb = −20 to +70 °C; measured typically at VCCA =VCCD = 5 V and VCCO =3V; CL = 15 pF; Tamb =25°C; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA1
analog supply voltage for ADC part
−0.3
+7.0
V
VCCA2
analog supply voltage for DAC part
−0.3
+7.0
V
VCCD1
digital supply voltage for ADC part
−0.3
+7.0
V
VCCD2
digital supply voltage for DAC part
−0.3
+7.0
V
VCCO
output stage supply voltage
−0.3
+7.0
V
∆VCC
voltage difference between:
VCCA − VCCD
−1.0
+1.0
V
VCCA − VCCO
−1.0
+4.0
V
VCCD − VCCO
−1.0
+4.0
V
Io
output current
10
mA
Vi
input voltage
referenced to AGND
−0.3
+7.0
V
Vclk(p-p)
AC input switching voltage (peak-to-peak value) referenced to DGND
VCCD
V
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−20
+75
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air
75
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA1
analog supply voltage for ADC part
4.75
5.0
5.5
V
VCCD1
digital supply voltage for ADC part
4.75
5.0
5.5
V
VCCA2
analog supply voltage for DAC part
4.75
5.0
5.5
V
VCCD2
digital supply voltage for DAC part
4.75
5.0
5.5
V
VCCO
output stage supply voltage
2.7
3.0
5.5
V
∆VCC
voltage difference between
VCCA − VCCD
−0.2
+0.2
V
VCCA − VCCO
−0.2
+2.5
V
VCCD − VCCO
−0.2
+2.5
V
ICCA
analog supply current
71
mA
ICCD
digital supply current
31
mA


同様の部品番号 - TDA8779

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
More results

同様の説明 - TDA8779

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8779H PHILIPS-TDA8779H Datasheet
94Kb / 20P
   10-bit converter interface ADC/DAC for quadrature transceiver
1999 Sep 16
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
   10-BIT DAC
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
logo
NXP Semiconductors
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
   Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
TDA8776A PHILIPS-TDA8776A Datasheet
150Kb / 20P
   10-bit, 1000 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
   Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
   10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1669 LINER-LTC1669_15 Datasheet
169Kb / 16P
   10-Bit Rail-to-Rail Micropower DAC with IC Interface
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com