データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8793 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA8793
部品情報  8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8793 データシート(HTML) 5 Page - NXP Semiconductors

  TDA8793 Datasheet HTML 1Page - NXP Semiconductors TDA8793 Datasheet HTML 2Page - NXP Semiconductors TDA8793 Datasheet HTML 3Page - NXP Semiconductors TDA8793 Datasheet HTML 4Page - NXP Semiconductors TDA8793 Datasheet HTML 5Page - NXP Semiconductors TDA8793 Datasheet HTML 6Page - NXP Semiconductors TDA8793 Datasheet HTML 7Page - NXP Semiconductors TDA8793 Datasheet HTML 8Page - NXP Semiconductors TDA8793 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1999 Oct 06
5
Philips Semiconductors
Preliminary specification
8-bit, low-power, 3 V, 100 Msps
Analog-to-Digital Converter (ADC)
TDA8793
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCCA
analog supply voltage
−0.3
+7.0
V
VCCD
digital supply voltage
−0.3
+7.0
V
VCCO
output stages supply voltage
−0.3
+7.0
V
∆V
CC
supply voltage differences between
VCCA and VCCD
−1.0
+1.0
V
VCCO and VCCD
−1.0
+1.0
V
VCCA and VCCO
−1.0
+1.0
V
VINP, INN
input voltage range
referenced to AGND
−0.3
+7.0
V
IO
output current
10
mA
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
0
70
°C
Tj
junction temperature
−−°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
94
K/W


同様の部品番号 - TDA8793

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8798 PHILIPS-TDA8798 Datasheet
195Kb / 24P
   Dual 8-bit, 100 Msps A/D converter with DPGA
1999 Sep 16
More results

同様の説明 - TDA8793

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9284 AD-AD9284 Datasheet
626Kb / 24P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9284 AD-AD9284_13 Datasheet
627Kb / 25P
   8-Bit, 250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
logo
Texas Instruments
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535-Q1 TI1-TLV5535-Q1 Datasheet
667Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com