データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8927 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA8927
部品情報  Power stage 2 x 80 W class-D audio amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA8927 Datasheet HTML 2Page - NXP Semiconductors TDA8927 Datasheet HTML 3Page - NXP Semiconductors TDA8927 Datasheet HTML 4Page - NXP Semiconductors TDA8927 Datasheet HTML 5Page - NXP Semiconductors TDA8927 Datasheet HTML 6Page - NXP Semiconductors TDA8927 Datasheet HTML 7Page - NXP Semiconductors TDA8927 Datasheet HTML 8Page - NXP Semiconductors TDA8927 Datasheet HTML 9Page - NXP Semiconductors TDA8927 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
2001 Dec 11
6
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
7
PINNING INFORMATION
SYMBOL
PIN
DESCRIPTION
TDA8927J
TDA8927ST
TDA8927TH
SW1
1
1
21
digital switch input channel 1
n.c.
−−
1
not connected
REL1
2
2
22
digital control output channel 1
DIAG
3
3
23
digital open-drain output for overtemperature and
overcurrent report
EN1
4
4
24
digital enable input for channel 1
VDD1
5
5
2
positive power supply channel 1
BOOT1
6
6
3
bootstrap capacitor channel 1
STAB
−−
6
decoupling internal stabilizer for logic supply
OUT1
7
7
4
PWM output channel 1
STAB
−−
7
decoupling internal stabilizer for logic supply
VSS1
8
8
5
negative power supply channel 1
STAB
9
9
decoupling internal stabilizer for logic supply
VSS2
10
10
8
negative power supply channel 2
OUT2
11
11
9
PWM output channel 2
BOOT2
12
12
10
bootstrap capacitor channel 2
n.c.
−−
12
not connected
VDD2
13
13
11
positive power supply channel 2
EN2
14
14
13
digital enable input for channel 2
POWERUP
15
15
14
enable input for switching-on internal reference
sources
REL2
16
16
15
digital control output channel 2
SW2
17
17
16
digital switch input channel 2
LIM
−−
17
current input for setting maximum load current limit
n.c.
−−
18
not connected
VSS(sub)
−−
19
negative supply (substrate)
n.c.
−−
20
not connected


同様の部品番号 - TDA8927

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BJ PHILIPS-TDA8920BJ Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920BTH PHILIPS-TDA8920BTH Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results

同様の説明 - TDA8927

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
International Rectifier
IRAUDAMP4 IRF-IRAUDAMP4 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com