データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8945S データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA8945S
部品情報  15 W mono Bridge Tied Load BTL audio amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945S データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA8945S Datasheet HTML 3Page - NXP Semiconductors TDA8945S Datasheet HTML 4Page - NXP Semiconductors TDA8945S Datasheet HTML 5Page - NXP Semiconductors TDA8945S Datasheet HTML 6Page - NXP Semiconductors TDA8945S Datasheet HTML 7Page - NXP Semiconductors TDA8945S Datasheet HTML 8Page - NXP Semiconductors TDA8945S Datasheet HTML 9Page - NXP Semiconductors TDA8945S Datasheet HTML 10Page - NXP Semiconductors TDA8945S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
7 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
11. Static characteristics
[1]
With a load connected at the outputs the quiescent current will increase, the maximum of this increase being equal to the differential
output voltage offset
(∆V
OUT) divided by the load resistance (RL).
[2]
The DC output voltage with respect to ground is approximately 0.5VCC.
[3]
∆V
OUT = | VOUT+ − VOUT
|.
Table 7:
Static characteristics
VCC =18V; Tamb =25 °C; RL =8 Ω; VMODE =0V; Vi = 0 V; measured in test circuit Figure 13; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
operating
6
18
25
V
Iq
quiescent supply current
RL = ∞
[1] -
1828mA
Istb
standby supply current
VMODE =VCC
--10
µA
VO
DC output voltage
[2] -9
-V
∆VOUT[3]
differential output voltage offset
-
-
200
mV
VMODE
mode selection input voltage
operating mode
0
-
0.5
V
mute mode
3
-
VCC − 1.5
V
standby mode
VCC − 0.5
-
VCC
V
IMODE
mode selection input current
0 < VMODE <VCC
--20
µA
Fig 3.
Quiescent supply current as function of supply
voltage.
Fig 4.
Quiescent supply current as function of mode
voltage.
handbook, halfpage
30
25
20
15
10
5
0
04
8
12
16
VCC (V)
Iq
(mA)
20
MGU052
handbook, halfpage
24
20
16
12
8
4
0
04
8
12
16
VMODE (V)
Iq
(mA)
20
MGU053
VCC = 18 V
12 V


同様の部品番号 - TDA8945S

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8941 PHILIPS-TDA8941 Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8942 PHILIPS-TDA8942 Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8943 PHILIPS-TDA8943 Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
More results

同様の説明 - TDA8945S

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8946J PHILIPS-TDA8946J Datasheet
393Kb / 23P
   2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com