データシートサーチシステム |
|
TC1303B-AQ1EMF データシート(PDF) 6 Page - Microchip Technology |
|
TC1303B-AQ1EMF データシート(HTML) 6 Page - Microchip Technology |
6 / 36 page TC1303A/TC1303B/TC1303C/TC1304 DS21949B-page 6 © 2005 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † VIN - AGND ......................................................................6.0V All Other I/O .............................. (AGND - 0.3V) to (VIN + 0.3V) LX to PGND.............................................. -0.3V to (VIN + 0.3V) PGND to AGND...................................................-0.3V to +0.3V Output Short Circuit Current ................................. Continuous Power Dissipation (Note 7) ..........................Internally Limited Storage temperature .....................................-65°C to +150°C Ambient Temp. with Power Applied.................-40°C to +85°C Operating Junction Temperature...................-40°C to +125°C ESD protection on all pins (HBM) ....................................... 3kV † Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. DC CHARACTERISTICS Electrical Characteristics: VIN1 =VIN2 = SHDN1,2 =3.6V, COUT1 =CIN = 4.7 µF, COUT2 =1µF, L =4.7 µH, VOUT1 (ADJ) = 1.8V, IOUT1 = 100 ma, IOUT2 = 0.1 mA TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. Parameters Sym Min Typ Max Units Conditions Input/Output Characteristics Input Voltage VIN 2.7 — 5.5 V Note 1, Note 2, Note 8 Maximum Output Current IOUT1_MAX 500 —— mA Note 1 Maximum Output Current IOUT2_MAX 300 —— mA Note 1 Shutdown Current Combined VIN1 and VIN2 Current IIN_SHDN — 0.05 1 µA SHDN1 = SHDN2= GND TC1303A,B Operating IQ TC1303C, TC1304 Operating IQ IQ IQ — 65.0 70.1 110 110 µA SHDN1 = SHDN2= VIN2 IOUT1 =0 mA, IOUT2 =0 mA Synchronous Buck IQ — 38 — µA SHDN1 = VIN, SHDN2 = GND LDO IQ — 46 — µA SHDN1 = GND, SHDN2 = VIN2 Shutdown/UVLO/Thermal Shutdown Characteristics SHDN1,SHDN2, SHDN (TC1304) Logic Input Voltage Low VIL —— 15 %VIN VIN1 =VIN2 = 2.7V to 5.5V SHDN1,SHDN2, SHDN (TC1304) Logic Input Voltage High VIH 45 —— %VIN VIN1 =VIN2 = 2.7V to 5.5V SHDN1,SHDN2, SHDN (TC1304) Input Leakage Current IIN -1.0 ±0.01 1.0 µA VIN1 =VIN2 = 2.7V to 5.5V SHDNX =GND SHDNY =VIN Thermal Shutdown TSHD — 165 — °C Note 6, Note 7 Thermal Shutdown Hysteresis TSHD-HYS —10 — °C Undervoltage Lockout (VOUT1 and VOUT2) UVLO 2.4 2.55 2.7 VVIN1 Falling Undervoltage Lockout Hysteresis UVLO -HYS — 200 — mV Note 1: The Minimum VIN has to meet two conditions: VIN ≥ 2.7V and VIN ≥ VRX + VDROPOUT, VRX = VR1 or VR2. 2: VRX is the regulator output voltage setting. 3: TCVOUT2 = ((VOUT2max – VOUT2min) * 10 6)/(V OUT2 * DT). 4: Regulation is measured at a constant junction temperature using low duty-cycle pulse testing. Load regulation is tested over a load range from 0.1 mA to the maximum specified output current. 5: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2% below its nominal value measured at a 1V differential. 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air. (i.e. TA, TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. 7: The integrated MOSFET switches have an integral diode from the LX pin to VIN, and from LX to PGND. In cases where these diodes are forward-biased, the package power dissipation limits must be adhered to. Thermal protection is not able to limit the junction temperature for these cases. 8: VIN1 and VIN2 are supplied by the same input source. |
同様の部品番号 - TC1303B-AQ1EMF |
|
同様の説明 - TC1303B-AQ1EMF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |