データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9150 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA9150
部品情報  Programmable deflection controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9150 データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA9150 Datasheet HTML 7Page - NXP Semiconductors TDA9150 Datasheet HTML 8Page - NXP Semiconductors TDA9150 Datasheet HTML 9Page - NXP Semiconductors TDA9150 Datasheet HTML 10Page - NXP Semiconductors TDA9150 Datasheet HTML 11Page - NXP Semiconductors TDA9150 Datasheet HTML 12Page - NXP Semiconductors TDA9150 Datasheet HTML 13Page - NXP Semiconductors TDA9150 Datasheet HTML 14Page - NXP Semiconductors TDA9150 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
July 1994
11
Philips Semiconductors
Preliminary specification
Programmable deflection controller
TDA9150B
Vertical part (pins 6, 8, 10, 11 and 12)
SYNCHRONIZATION PULSE
The VA input (pin 12) is a TTL-compatible CMOS input.
Pulses at this input have to fulfil the timing requirements as
illustrated in Fig.6. For correct detection the minimum
pulse width for both the HIGH and LOW period is 2 internal
clock periods. For further requirements on minimum pulse
width see also Section “De-interlace”.
VERTICAL PLACE GENERATOR
With control bit CPR a compress to 75% of the adjusted
values is possible in all modes of operation. This control bit
is used to display 16 : 9 standard pictures on 4 : 3
displays. No new adjustment of other corrections, such as
corner and S-correction, is required.
With control bit VPR a reduction of the current during
clipping, wait and stop modes to 20% of the nominal value
can be selected, which will reduce the dissipation in the
vertical drive circuits.
The vertical start-scan data (subaddress 02) determines
the vertical placement in the total range of 64
× 432 clock
periods in 63 steps. The maximum number of
synchronized lines per scan is 910 with an equivalent field
frequency of 17.2 or 34.4 Hz for fH = 15625 or 31250 Hz
respectively.
The minimum number of synchronized lines per scan is
200 with an equivalent field frequency of 78 or 156 Hz for
fH = 15 625 or 31250 Hz respectively.
If the VA pulse is not present, the number of lines per scan
will increase to 910.2. If the LLC is not present the vertical
blanking will start within 2
µs.
Amplitude control is automatic, with a settling time of 1 to
2 new fields and an accuracy of either 16/12 or 48/12 lines
depending on the value of the GBS bit.
Differences in the number of lines per field, as can occur in
TXT or in multi-head VTR, will not affect the amplitude
setting providing the differences are less than the value
selected with GBS. This is called amplitude control
guardband. The difference sequence and the difference
sequence length are not important.
DE-INTERLACE
With de-interlace on (DINT = logic 0), the VA pulse is
sampled with LLC at a position supplied by control bit DIP
(de-interlace phase).
When DIP = logic 0 sampling takes place 42 clock pulses
after the leading edge of HA (T = Tline × 42/432).
When DIP = logic 1 sampling takes place 258 clock pulses
after the leading edge of HA (T = Tline × 258/432).
The distance between the two selectable sampling points
is (Tline × (258 − 42)/432) which is exactly half a line, thus
de-interlace is possible in two directions.
The duration of the VA pulse must, therefore, be sufficient
to enable the HA pulse to caught, in this event an active
time of minimum of half a line (see Fig.13 which has an
integration time of Tline × 14 for the VA pulse).
With de-interlace off, the VA pulse is sampled with the
system clock. The leading edge is detected and used as
the vertical reset. Selection of the positive or negative
leading edge is achieved by the control bit VAP.
VERTICAL GEOMETRY PROCESSING
The vertical geometry processing is DC-coupled and
therefore independent of field frequency. The external
resistive conversion (RCONV) at pin 8 sets the reference
current for both the vertical and EW geometry processing.
A useful range is 100 to 150
µA, the recommended value
is 120
µA.
VERTICAL OUTPUTS
The vertical outputs VOUTA and VOUTB on pins 10 and 11
together form a differential current output. The vertical
amplitude can be varied over the range 80 to 120% in
63 steps via the I2C-bus (subaddress 00). Vertical
S-correction is also applied to these outputs and can be
set from 0 to 16% by subaddress 01 with a 6-bit resolution.
The vertical off-centre shift (OFCS) shifts the vertical
deflection current zero crossing with respect to the EW
parabola bottom. The control range is
−1.5 to +1.5%
(
±18 × I8) in 7 steps set by the least significant nibble at
subaddress 03.


同様の部品番号 - TDA9150

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
More results

同様の説明 - TDA9150

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
TDA4855 PHILIPS-TDA4855 Datasheet
317Kb / 44P
   Autosync Deflection Controller ASDC
1996 Jul 18
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
   DDC-PLUS-Deflection Controller
SDA9362 SIEMENS-SDA9362 Datasheet
199Kb / 39P
   DDC-PLUS-Deflection Controller
logo
NXP Semiconductors
TDA4858 PHILIPS-TDA4858 Datasheet
260Kb / 44P
   Economy Autosync Deflection Controller (EASDC)
1997 Oct 27
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com