データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9605H データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA9605H
部品情報  Audio processor with head amplifier for VHS hi-fi
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9605H データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA9605H Datasheet HTML 4Page - NXP Semiconductors TDA9605H Datasheet HTML 5Page - NXP Semiconductors TDA9605H Datasheet HTML 6Page - NXP Semiconductors TDA9605H Datasheet HTML 7Page - NXP Semiconductors TDA9605H Datasheet HTML 8Page - NXP Semiconductors TDA9605H Datasheet HTML 9Page - NXP Semiconductors TDA9605H Datasheet HTML 10Page - NXP Semiconductors TDA9605H Datasheet HTML 11Page - NXP Semiconductors TDA9605H Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGR837
TUNL
MUTE
(
−47 to 0 dB;
0 to
+15 dB)
MUTE
(0 to
+14 dB)
AUDIO FM
PROCESSING
HI-FI
MUTE
(
−47 to 0 dB;
0 to
+15 dB)
INPUT SELECT
INPUT LEFT
VOLUME
VOLUME LEFT
SAP
LINOUT
linear audio
processing
(record)
LININ
TUNER
EXT2
MUTE
DUB MIX
MUTE
LEFT
EXT2
OUTPUT SELECT
OUTPUT SELECT
ENVOUT
RFCOUT
HF ENVELOPE
HF envelope
STEREO
RIGHT
STEREO
NORMAL
TUNER
EXT1
SAP
MUTE
OUTPUT SELECT
TUNR
CINL
CINR
EXT1L
EXT1R
EXT2R
AUXL
SAP
EXT2L
AUXR
RECOUT
tape
volume aux
output select
line select
input select
PBIN1
PBIN2
NORMAL
NORMAL
NORMAL
MUTE
LEFT
RIGHT
MUTE
LEFT
RIGHT
LEFT
RIGHT
LEFT
RIGHT
decoder select
0 dB AGC
0 dB
+1 dB
MUTE
RF converter AGC
envelope select
normal input level
normal select
DECL
line output
amplification
DECR
LINEL
LINER
volume hi-fi
(playback)
Fig.4 Input and output selections for dub-mix mode.
Dub-mix mode: IS2 = 1, IS1 = 0 and IS0 = 1.
Input mixing of the hi-fi (playback) signal with the auxiliary, used for linear audio dubbing recording.
Selections generally used in combination with dub-mix mode are shown in heavy line type.


同様の部品番号 - TDA9605H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9610 PHILIPS-TDA9610 Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9615 PHILIPS-TDA9615 Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
More results

同様の説明 - TDA9605H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com