データシートサーチシステム |
|
TDA9615H データシート(PDF) 9 Page - NXP Semiconductors |
|
TDA9615H データシート(HTML) 9 Page - NXP Semiconductors |
9 / 44 page 1997 Jun 16 9 Philips Semiconductors Preliminary specification Audio processor for VHS hi-fi TDA9615H I2C-BUS PROTOCOL Addressing and data bytes For programming the device (write mode) seven data byte registers are available; they are addressable via eight subaddresses. Automatic subaddress incrementing enables the writing of successive data bytes in one transmission. During power-on, data byte registers are reset to a default state by use of a Power On Reset (POR) circuit which signal is derived from the internally generated I2C-bus supply voltage (V5OUT; pin 38). For reading from the device (read mode) one data byte register is available without subaddressing. Table 1 TDA9615H addresses and data bytes Notes 1. Use of subaddress F0H to F7H (1111 0XXX) instead of 00H to 07H (0000 0XXX) disables the automatic subaddress incrementing allowing continuous writing to a single data byte register. 2. The state of unused read bits are not reliable; their state may change during development. Table 2 Status of data bytes after POR Note 1. For eventual future compatibility it is advised to keep unused write bits equal to POR state. DATA BYTE ADDRESS Write mode Slave address byte (B8H) 10111000 Subaddress bytes (00H to 07H) 0(1) 0(1) 0(1) 0(1) 0 0 or 1 0 or 1 0 or 1 Control byte (subaddress 00) AFM DOC SHH DETH NTSC MUTE STBP STBA Select byte (subaddress 01) DOS1 DOS0 s5 s4 NIL3 NIL2 NIL1 NIL0 Input byte (subaddress 02) i7 IS2 IS1 IS0 NS2 NS1 NS0 i0 Output byte (subaddress 03) LOH OSN OSR OSL EOS LOS DOS RFCM Left volume byte (subaddress 04) I7 VLS VL5 VL4 VL3 VL2 VL1 VL0 Right volume byte (subaddress 05) r7 VRS VR5 VR4 VR3 VR2 VR1 VR0 Volume byte (subaddress 06) simultaneous loading of subaddress 04 and subaddress 05 register Power byte (subaddress 07) CALS VCCH TEST PORR p3 p2 p1 p0 Read mode Slave address byte (B9H) 10111001 Read byte CALR AUTN 0(2) POR 0(2) 1(2) 0(2) 0(2) DATA BYTE ADDRESS Control byte 10001100 Select byte 0 0 1(1) 1(1) 0000 Input byte 0(1) 0001110(1) Output byte 00000001 Left volume byte 0(1) 1000000 Right volume byte 0(1) 1000000 Power byte 00000(1) 0(1) 0(1) 0(1) |
同様の部品番号 - TDA9615H |
|
同様の説明 - TDA9615H |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |