データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9615 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA9615
部品情報  Audio processor for VHS hi-fi
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9615 データシート(HTML) 4 Page - NXP Semiconductors

  TDA9615 Datasheet HTML 1Page - NXP Semiconductors TDA9615 Datasheet HTML 2Page - NXP Semiconductors TDA9615 Datasheet HTML 3Page - NXP Semiconductors TDA9615 Datasheet HTML 4Page - NXP Semiconductors TDA9615 Datasheet HTML 5Page - NXP Semiconductors TDA9615 Datasheet HTML 6Page - NXP Semiconductors TDA9615 Datasheet HTML 7Page - NXP Semiconductors TDA9615 Datasheet HTML 8Page - NXP Semiconductors TDA9615 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
1997 Jun 16
4
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
TDA9615H
PINNING
SYMBOL
PIN
DESCRIPTION
TUNL
1
tuner input left
TUNR
2
tuner input right
CINL
3
cinch input left
CINR
4
cinch input right
EXT1L
5
external 1 input left
EXT1R
6
external 1 input right
EXT2L
7
external 2 input left
EXT2R
8
external 2 input right
AUXL
9
auxiliary input left
AUXR
10
auxiliary input right
RFCAGC
11
RFC AGC timing input
RFCOUT
12
RFC output
MUTEC
13
mute for RFC output
MUTEL
14
mute for line output left
LINEL
15
line output left
LINER
16
line output right
MUTER
17
mute for line output right
DECL
18
decoder output left
DECR
19
decoder output right
LINOUT
20
linear audio output
LININ
21
linear audio input
DCFBL
22
NR DC feedback left
DCREFL
23
NR DC reference left
EMPHL
24
NR emphasis left
DCL
25
NR DC decoupling left
DETL
26
NR detector left
AGND
27
analog ground
Iref
28
reference current standard
Vref
29
reference voltage filter
DETR
30
NR detector right
DCR
31
NR DC decoupling right
EMPHR
32
NR emphasis right
DCREFR
33
NR DC reference right
DCFBR
34
NR DC feedback right
VCC
35
supply voltage
FMOUT
36
FM output
FMIN
37
FM input
V5OUT
38
5 V decoupling output
ENVOUT
39
envelope output
HID
40
HID input
SDA
41
I2C-bus SDA input/output
SCL
42
I2C-bus SCL input
DGND
43
digital ground
SAP
44
tuner SAP input
SYMBOL
PIN
DESCRIPTION


同様の部品番号 - TDA9615

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9610 PHILIPS-TDA9610 Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
More results

同様の説明 - TDA9615

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
NXP Semiconductors
TDA9614H PHILIPS-TDA9614H Datasheet
570Kb / 60P
   Audio processor for VHS hi-fi and linear audio
1995 Mar 21
TDA9605H PHILIPS-TDA9605H Datasheet
244Kb / 52P
   Audio processor with head amplifier for VHS hi-fi
1999 Apr 14
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
NXP Semiconductors
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com