データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9801 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 TDA9801
部品情報  Single standard VIF-PLL demodulator and FM-PLL detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801 データシート(HTML) 7 Page - NXP Semiconductors

Back Button TDA9801 Datasheet HTML 3Page - NXP Semiconductors TDA9801 Datasheet HTML 4Page - NXP Semiconductors TDA9801 Datasheet HTML 5Page - NXP Semiconductors TDA9801 Datasheet HTML 6Page - NXP Semiconductors TDA9801 Datasheet HTML 7Page - NXP Semiconductors TDA9801 Datasheet HTML 8Page - NXP Semiconductors TDA9801 Datasheet HTML 9Page - NXP Semiconductors TDA9801 Datasheet HTML 10Page - NXP Semiconductors TDA9801 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1999 Aug 26
7
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Machine model class B (L = 2.5
µH).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies and picture-to-sound carrier ratios; Vi(VIF)(rms) = 10 mV (sync
pulse level); IF input from 50
Ω via broadband transformer 1 : 1; DSB video modulation; 10% residual carrier; video
signal in accordance with
“CCIR, line 17” or “NTC-7 Composite”; measurements taken in test circuit of Fig.12; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
IP = 70 mA; Tamb =70 °C;
maximum chip temperature
125
°C for TDA9801
0
9.9
V
128
°C for TDA9801T
0
9.9
V
Vn
voltage on
pins VIF1, VIF2, AFC and AGC
0
VP
V
pin TAGC
13.2
V
tsc(max)
maximum short-circuit time
to ground or VP
10
s
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+70
°C
Ves
electrostatic handling voltage
note 1
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
TDA9801
73
K/W
TDA9801T
85
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply: pin VP
VP
supply voltage
note 1
4.5
5.0
9.9
V
IP
supply current
VP = 5 V
51
60
70
mA
VP = 9 V
52
61
70
mA
Vision IF input: pins VIF1 and VIF2
Vi(sens)(VIF)(rms)
sensitivity of VIF input
voltage (RMS value)
−1 dB video at output
fPC = 38.9 or 45.75 MHz
50
90
µV
fPC = 58.75 MHz
60
100
µV
Vi(max)(rms)
maximum VIF input voltage
(RMS value)
1 dB video at output
fPC = 38.9 or 45.75 MHz
70
150
mV
fPC = 58.75 MHz
80
160
mV
VI
DC input voltage
3.0
3.4
3.8
V


同様の部品番号 - TDA9801

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

同様の説明 - TDA9801

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com