データシートサーチシステム |
|
TDA9810 データシート(PDF) 11 Page - NXP Semiconductors |
|
TDA9810 データシート(HTML) 11 Page - NXP Semiconductors |
11 / 32 page 1999 May 07 11 Philips Semiconductors Product specification Multistandard VIF-PLL with QSS-IF and AM demodulator TDA9810 Isource(12)(max) maximum AC and DC output source current 2.4 −− mA B−1 −1 dB video bandwidth B/G and L standard; CL < 20 pF; RL > 1kΩ; AC load 8.4 11 − MHz B−3 −3 dB video bandwidth B/G and L standard; CL < 20 pF; RL > 1kΩ; AC load 11 14 − MHz Measurements from IF input to CVBS output (pin 12; 330 Ω between pins 9 and 13, sound carrier off) Vo(CVBS)(p-p) CVBS output signal voltage on pin 12 (peak-to-peak value) note 9 1.7 2.0 2.3 V ∆Vo(CVBS) output signal voltage difference difference between B/G and L standard −− 10 % Vo(CVBS)(sync) sync voltage level B/G standard − 1.35 − V L standard − 1.35 − V ∆Vo(CVBS) deviation of CVBS output signal voltage at B/G 50 dB gain control −− 0.5 dB 30 dB gain control −− 0.1 dB ∆Vo(bl)(BG) black level tilt in B/G standard gain variation; note 10 −− 1% ∆V o(bl)(L) black level tilt for worst case in L standard vision carrier modulated by test line (VITS) only; gain variation; note 10 −− 1.9 % Gdiff differential gain “CCIR, line 330” − 25 % ϕ diff differential phase “CCIR, line 330” − 1 2 deg B−1 −1 dB video bandwidth CL < 20 pF; RL > 1kΩ; AC load; B/G and L standard 56 − MHz B−3 −3 dB video bandwidth CL < 20 pF; RL > 1kΩ; AC load; B/G and L standard 78 − MHz S/NW(video) weighted signal-to-noise ratio for video see Fig.6 and note 11 56 60 − dB S/N unweighted signal-to-noise ratio see Fig.6 and note 11 49 53 − dB αIM(1.1) intermodulation attenuation at ‘blue’ f = 1.1 MHz; see Fig.7 and note 12 58 64 − dB intermodulation attenuation at ‘yellow’ f = 1.1 MHz; see Fig.7 and note 12 60 66 − dB α IM(3.3) intermodulation attenuation at ‘blue’ f = 3.3 MHz; see Fig.7 and note 12 58 64 − dB intermodulation attenuation at ‘yellow’ f = 3.3 MHz; see Fig.7 and note 12 59 65 − dB SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT |
同様の部品番号 - TDA9810 |
|
同様の説明 - TDA9810 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |