データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9816M データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA9816M
部品情報  Multistandard multimedia IF-PLL and FM radio demodulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M データシート(HTML) 5 Page - NXP Semiconductors

  TDA9816M Datasheet HTML 1Page - NXP Semiconductors TDA9816M Datasheet HTML 2Page - NXP Semiconductors TDA9816M Datasheet HTML 3Page - NXP Semiconductors TDA9816M Datasheet HTML 4Page - NXP Semiconductors TDA9816M Datasheet HTML 5Page - NXP Semiconductors TDA9816M Datasheet HTML 6Page - NXP Semiconductors TDA9816M Datasheet HTML 7Page - NXP Semiconductors TDA9816M Datasheet HTML 8Page - NXP Semiconductors TDA9816M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
1997 Nov 19
5
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
PINNING
SYMBOL
PIN
DESCRIPTION
ViVIF1
1
VIF differential input signal voltage 1
ViVIF2
2
VIF differential input signal voltage 2
LP0
3
logic port 0
ViRIF
4
RIF input
CVAGC
5
VIF AGC capacitor
CSAGC
6
SIF AGC capacitor
TPLL
7
PLL loop filter
LP1
8
logic port 1
LADJ
9
L/L accent switch and adjustment
VoAF
10
audio output
LP2
11
logic port 2 and soft mute threshold
adjustment
Cde-em
12
de-emphasis capacitor
CDEC
13
decoupling capacitor
VoQSS
14
single reference QSS/intercarrier
output voltage
ViFM
15
sound intercarrier input voltage
TAGC
16
TV/radio tuner AGC output
CBL
17
black level detector
Vo(vid)
18
composite video output voltage
AFC
19
AFC/RIF level output
n.c.
20
not connected
VCO1
21
VCO1 resonance circuit
VCO2
22
VCO2 resonance circuit
GND
23
ground
CERRES
24
ceramic resonator 10.7 MHz
VP
25
supply voltage
TADJ
26
tuner AGC takeover point adjustment
ViSIF1
27
SIF differential input signal voltage 1
ViSIF2
28
SIF differential input signal voltage 2
Fig.2 Pin configuration.
handbook, halfpage
ViVIF1
ViVIF2
LP0
ViRIF
CVAGC
CSAGC
TPLL
LP1
LADJ
VoAF
LP2
Cde-em
CDEC
VoQSS
ViSIF2
ViSIF1
TADJ
VP
GND
VCO2
CERRES
VCO1
n.c.
AFC
Vo(vid)
CBL
TAGC
ViFM
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA9816M
MHA989


同様の部品番号 - TDA9816M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

同様の説明 - TDA9816M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com