データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16373ZQLR データシート(PDF) 3 Page - Texas Instruments

部品番号 74ALVCH16373ZQLR
部品情報  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16373ZQLR データシート(HTML) 3 Page - Texas Instruments

  74ALVCH16373ZQLR Datasheet HTML 1Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 2Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 3Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 4Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 5Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 6Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 7Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 8Page - Texas Instruments 74ALVCH16373ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
1OE
1LE
1D1
To Seven Other Channels
1Q1
2OE
2LE
2D1
2Q1
To Seven Other Channels
1
48
47
24
25
36
C1
1D
13
2
C1
1D
Pin numbers shown are for the DGG and DL packages.
Absolute Maximum Ratings
(1)
SN74ALVCH16373
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCES020I – JULY 1995 – REVISED NOVEMBER 2005
FUNCTION TABLE
(EACH 8-BIT SECTION)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)(3)
–0.5
VCC + 0.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
DGG package
70
DL package
63
θ
JA
Package thermal impedance(4)
°C/W
GQL/ZQL package
42
GRD/ZRD package
36
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
3


同様の部品番号 - 74ALVCH16373ZQLR

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Fairchild Semiconductor
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
STMicroelectronics
74ALVCH16373 STMICROELECTRONICS-74ALVCH16373 Datasheet
279Kb / 11P
   LOW VOLTAGE CMOS 16-BITD-TYPE LATCH (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
NXP Semiconductors
74ALVCH16373 PHILIPS-74ALVCH16373 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
More results

同様の説明 - 74ALVCH16373ZQLR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com