データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9851T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA9851T
部品情報  I2C-bus controlled economic BTSC stereo decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9851T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA9851T Datasheet HTML 4Page - NXP Semiconductors TDA9851T Datasheet HTML 5Page - NXP Semiconductors TDA9851T Datasheet HTML 6Page - NXP Semiconductors TDA9851T Datasheet HTML 7Page - NXP Semiconductors TDA9851T Datasheet HTML 8Page - NXP Semiconductors TDA9851T Datasheet HTML 9Page - NXP Semiconductors TDA9851T Datasheet HTML 10Page - NXP Semiconductors TDA9851T Datasheet HTML 11Page - NXP Semiconductors TDA9851T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Nov 12
8
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder
TDA9851
Outputs OUTL and OUTR
Zo
output impedance
80
120
VO
DC output voltage
0.45VCC 0.5VCC
0.55VCC V
RL
output load resistance
(AC-coupled)
5
−−
k
CL
output load capacitance
−−
2.5
nF
α
ct
crosstalk SAP into L and R
100% modulation;
fmod = 1 kHz; SAP;
mode selector switched to
stereo
50
70
dB
VCA
Is
nominal timing current for
nominal release rate of VCA
detector
Is can be measured at pin TW
via current meter connected to
0.5VCC +1V
6.5
8
9.5
µA
Relrate
nominal detector release rate
nominal timing current and
external capacitor values
125
dB/s
Automatic volume level control
Gv
voltage gain
maximum boost; note 2
5
6
7
dB
maximum attenuation; note 2
14
15
16
dB
Gstep
equivalent step width between
the input stages (soft switching
system)
1.5
dB
Viop(rms)
input voltage (RMS value)
maximum boost; note 2
0.1
V
maximum attenuation; note 2
1.125
V
Vo(rms)
output voltage in AVL
operation (RMS value)
160
200
250
mV
Voffset(DC)
DC offset voltage between
different gain steps
voltage at pin CAV
7.0 to 6.83 V or
6.83 to 6.61 V or
6.61 to 5.83 V or
5.83 to 3.1 V; note 3
−−
20
mV
Ratt
discharge resistors for attack
time constant
AT1 = 0; AT2 = 0; note 4
340
420
520
AT1 = 1; AT2 = 0; note 4
590
730
910
AT1 = 0; AT2 = 1; note 4
0.96
1.2
1.5
k
AT1 = 1; AT2 = 1; note 4
1.7
2.1
2.6
k
Idec
charge current for decay time
normal mode; CCD = 0; note 5 1.6
2.0
2.4
µA
power-on speed-up; CCD = 1;
note 5
30
−µA
Muting at power supply voltage drop for OUTR and OUTL
∆V
CC
supply voltage drop for mute
active
VCAP − 0.7 −
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA9851T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9852H PHILIPS-TDA9852H Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853 PHILIPS-TDA9853 Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
More results

同様の説明 - TDA9851T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
   I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Asahi Kasei Microsystem...
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
   BTSC decoder
logo
ON Semiconductor
LA72702NV ONSEMI-LA72702NV Datasheet
163Kb / 10P
   BTSC Decoder
July, 2013
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
TDA3833 PHILIPS-TDA3833 Datasheet
95Kb / 13P
   BTSC-stereo/SAP/DBX decoder and DBX expander
September 1992
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com