データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA9853H データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA9853H
部品情報  I2C-bus controlled economic BTSC stereo decoder and audio processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853H データシート(HTML) 5 Page - NXP Semiconductors

  TDA9853H Datasheet HTML 1Page - NXP Semiconductors TDA9853H Datasheet HTML 2Page - NXP Semiconductors TDA9853H Datasheet HTML 3Page - NXP Semiconductors TDA9853H Datasheet HTML 4Page - NXP Semiconductors TDA9853H Datasheet HTML 5Page - NXP Semiconductors TDA9853H Datasheet HTML 6Page - NXP Semiconductors TDA9853H Datasheet HTML 7Page - NXP Semiconductors TDA9853H Datasheet HTML 8Page - NXP Semiconductors TDA9853H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2000 Dec 11
5
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
Component list
Electrolytic capacitors
±20%; foil capacitors ±10%; resistors ±5%; unless otherwise specified; see Fig.1.
COMPONENT
VALUE
TYPE
REMARK
C1
2.2
µF
electrolytic
63 V
C2
220 nF
foil
C3
2.2
µF
electrolytic
63 V
C4
220 nF
foil
C5
2.2
µF
electrolytic
63 V
C6
2.2
µF
electrolytic
63 V
C7
2.2
µF
electrolytic
63 V
C8
4.7
µF
electrolytic
63 V
±10%
C9
2.2
µF
electrolytic
63 V
C10
3.3 nF
foil
C11
150 pF
foil
C12
56 nF
foil
C13
56 nF
foil
C14
150 pF
foil
C15
3.3 nF
foil
C16
2.2
µF
electrolytic
63 V
C17
2.2
µF
electrolytic
63 V
C18
100
µF
electrolytic
16 V
C19
100
µF
electrolytic
16 V
C20
10
µF
electrolytic
63 V
C21
1
µF
electrolytic
63 V
C22
4.7 nF
foil
C23
22 nF
foil
R1
3.3 k
R2
15 k
R3
1.3 k
R4
100 k
Q1
CSB503F58
radial leads
CSB503JF958
alternative as SMD


同様の部品番号 - TDA9853H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9850T PHILIPS-TDA9850T Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9851T PHILIPS-TDA9851T Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
More results

同様の説明 - TDA9853H

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA9851 PHILIPS-TDA9851 Datasheet
145Kb / 20P
   I2C-bus controlled economic BTSC stereo decoder
1997 Nov 12
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
   I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9850 PHILIPS-TDA9850 Datasheet
203Kb / 32P
   I2C-bus controlled BTSC stereo/SAP decoder
1995 Jun 19
TDA8425 PHILIPS-TDA8425 Datasheet
285Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8424 PHILIPS-TDA8424 Datasheet
254Kb / 23P
   Hi-Fi stereo audio processor; I2C-bus
September 1992
TDA8421 PHILIPS-TDA8421 Datasheet
294Kb / 26P
   Hi-fi stereo audio processor; I2C bus
May 1988
TDA8425V7 PHILIPS-TDA8425V7 Datasheet
286Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
October 1988
TDA8426 PHILIPS-TDA8426 Datasheet
269Kb / 24P
   Hi-fi stereo audio processor; I2C-bus
March 1991
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com