データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1097TV データシート(PDF) 3 Page - NXP Semiconductors

部品番号 TEA1097TV
部品情報  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097TV データシート(HTML) 3 Page - NXP Semiconductors

  TEA1097TV Datasheet HTML 1Page - NXP Semiconductors TEA1097TV Datasheet HTML 2Page - NXP Semiconductors TEA1097TV Datasheet HTML 3Page - NXP Semiconductors TEA1097TV Datasheet HTML 4Page - NXP Semiconductors TEA1097TV Datasheet HTML 5Page - NXP Semiconductors TEA1097TV Datasheet HTML 6Page - NXP Semiconductors TEA1097TV Datasheet HTML 7Page - NXP Semiconductors TEA1097TV Datasheet HTML 8Page - NXP Semiconductors TEA1097TV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1999 Apr 08
3
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
QUICK REFERENCE DATA
Iline = 15 mA; RSLPE =20 Ω; Zline = 600 Ω; f = 1 kHz; Tamb =25 °C; AGC pin connected to LN; PD = HIGH; HFC = LOW;
AUXC = LOW; MUTT = HIGH; MUTR = HIGH; measured according to test circuits; unless otherwise specified.
Note
1. When the channel is enabled according to Table 1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Iline
line current operating range
normal operation
TEA1097H
11
140
mA
TEA1097TV
11
130
mA
with reduced performance
1
11
mA
VSLPE
stabilized voltage between SLPE
and GND (Vref)
Iline = 15 mA
3.4
3.7
4.0
V
Iline = 70 mA
5.7
6.1
6.5
V
VBB
regulated supply voltage for
internal circuitry
Iline = 15 mA
2.75
3.0
3.25
V
Iline = 70 mA
4.9
5.3
5.7
V
VDD
regulated supply voltage on
pin VDD
VBB > 3.35 V + 0.25 V
(typ.)
3.1
3.35
3.6
V
otherwise
VBB − 0.25 −
V
VESI(ext)
external voltage supply allowed on
pin ESI
−−
6V
IESI(ext)
external current supply allowed on
pin ESI
−−
140
mA
IBB
current available on pin VBB
speech mode
11
mA
handsfree mode;
HFC = HIGH
9.5
mA
IBB(pd)
current consumption on VBB during
power-down phase
PD = LOW
460
−µA
Gv(MIC-LN)
voltage gain from pin
MIC+/MIC
− to LN
VMIC = 5 mV (RMS)
43.3
44.3
45.3
dB
Gv(IR-RECO)
voltage gain from pin IR
(referenced to LN) to RECO
VIR = 15 mV (RMS)
28.7
29.7
30.7
dB
∆Gv(QR)
gain voltage range between pins
RECO and QR
−3
+15
dB
Gv(TXIN-TXOUT)
voltage gain from pin TXIN to
TXOUT
VTXIN = 3 mV (RMS);
RGATX = 30.1 kΩ; note 1
13.15
14.85
16.55
dB
Gv(TXAUX-LN)
voltage gain from pin TXAUX to LN VTXAUX = 0.1 V (RMS);
note 1
11.5
12.5
13.5
dB
Gv(HFRX-LSAO)
voltage gain from pin HFRX to
LSAO
VHFRX = 20 mV (RMS);
RGALS = 255 kΩ; note 1
25.5
28
30.5
dB
∆G
v(trx)
gain control range for transmit and
receive amplifiers affected by the
AGC; with respect to Iline =15mA
Iline = 70 mA; on
Gv(MIC-LN), Gv(IR-RECO)
and Gv(IR-AUXO)
5.45
6.45
7.45
dB


同様の部品番号 - TEA1097TV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

同様の説明 - TEA1097TV

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com