データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1110A データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TEA1110A
部品情報  Low voltage versatile telephone transmission circuit with dialler interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1110A データシート(HTML) 9 Page - NXP Semiconductors

Back Button TEA1110A Datasheet HTML 5Page - NXP Semiconductors TEA1110A Datasheet HTML 6Page - NXP Semiconductors TEA1110A Datasheet HTML 7Page - NXP Semiconductors TEA1110A Datasheet HTML 8Page - NXP Semiconductors TEA1110A Datasheet HTML 9Page - NXP Semiconductors TEA1110A Datasheet HTML 10Page - NXP Semiconductors TEA1110A Datasheet HTML 11Page - NXP Semiconductors TEA1110A Datasheet HTML 12Page - NXP Semiconductors TEA1110A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Apr 22
9
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1110A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
This device meets class 2 ESD test requirements [Human Body Model (HBM)], in accordance with
“MIL STD 883C - method 3015”.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VLN
positive continuous line voltage
VEE − 0.4
12
V
repetitive line voltage during switch-on or
line interruption
VEE − 0.4
13.2
V
Vn(max)
maximum voltage on all pins
VEE − 0.4
VCC + 0.4 V
Iline
line current
RSLPE =20 Ω;
see Figs 10 and 11
140
mA
Ptot
total power dissipation
Tamb =75 °C;
see Figs 10 and 11
TEA1110A
588
mW
TEA1110AT
384
mW
Tstg
storage temperature
−40
+125
°C
Tamb
operating ambient temperature
−25
+75
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air;
mounted on epoxy board 40.1
× 19.1 × 1.5 mm (TEA1110A)
85
K/W
thermal resistance from junction to ambient in free air;
mounted on epoxy board 40.1
× 19.1 × 1.5 mm (TEA1110AT)
130
K/W


同様の部品番号 - TEA1110A

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110AG-S14-R UTC-TEA1110AG-S14-R Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

同様の説明 - TEA1110A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com