データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1111A データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TEA1111A
部品情報  Speech circuit with dialler interface, regulated supply and earpiece volume control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1111A データシート(HTML) 8 Page - NXP Semiconductors

Back Button TEA1111A Datasheet HTML 4Page - NXP Semiconductors TEA1111A Datasheet HTML 5Page - NXP Semiconductors TEA1111A Datasheet HTML 6Page - NXP Semiconductors TEA1111A Datasheet HTML 7Page - NXP Semiconductors TEA1111A Datasheet HTML 8Page - NXP Semiconductors TEA1111A Datasheet HTML 9Page - NXP Semiconductors TEA1111A Datasheet HTML 10Page - NXP Semiconductors TEA1111A Datasheet HTML 11Page - NXP Semiconductors TEA1111A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1999 Nov 22
8
Philips Semiconductors
Product specification
Speech circuit with dialler interface, regulated
supply and earpiece volume control
TEA1111A
LED control (pin LEDC)
The TEA1111A gives an on-hook/off-hook status
indication. This is achieved by a current made available at
pin LEDC to drive an external LED circuit connected
between pins SLPE and LN (see Fig.7). In the low voltage
area, which corresponds to low line current conditions, no
current is available for this LED. For line currents higher
than a threshold, the LEDC current increases
proportionally to the line current (with a ratio of 1:150).
The LEDC current is internally limited to 470
µA
(see Fig.8).
For 12 mA < Iline < 82 mA:
This LED circuit is referenced to SLPE. Consequently, all
the LED supply current will flow through the RSLPE resistor,
and does not affect the behaviour of the AGC.
Set impedance
In the audio frequency range, the dynamic impedance is
mainly determined by the RCC resistor. The equivalent
impedance of the circuit is illustrated in Fig.9.
I
LEDC
I
line
12
150
---------------------
=
FCA056
2.4
k
24
BC858B
LN
LEDC
SLPE
Fig.7 LED circuit configuration.
handbook, halfpage
0
20
40
100
500
0
400
FCA057
60
80
300
200
100
ILEDC
(
µA)
Iline (mA)
Fig.8 LEDC current versus line current.
handbook, halfpage
LN
VEE
SLPE
RSLPE
CREG
REG
VCC
RCC
4.7
µF
100
µF
CVCC
619
20
RP
Vref
LEQ
MBE788
Fig.9 Equivalent impedance between LN and VEE.
LEQ =CREG × RSLPE × RP.
RP = internal resistance.
RP = 17.5 kΩ.


同様の部品番号 - TEA1111A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

同様の説明 - TEA1111A

メーカー部品番号データシート部品情報
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1114A PHILIPS-TEA1114A Datasheet
150Kb / 28P
   Low voltage telephone transmission circuit with dialler interface and regulated strong supply
2000 Mar 21
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
UBA2050 PHILIPS-UBA2050 Datasheet
291Kb / 52P
   One-chip telephone ICs with speech, dialler and ringer functions
2000 May 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com