データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1118M データシート(PDF) 9 Page - NXP Semiconductors

部品番号 TEA1118M
部品情報  Versatile cordless transmisssion circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1118M データシート(HTML) 9 Page - NXP Semiconductors

Back Button TEA1118M Datasheet HTML 5Page - NXP Semiconductors TEA1118M Datasheet HTML 6Page - NXP Semiconductors TEA1118M Datasheet HTML 7Page - NXP Semiconductors TEA1118M Datasheet HTML 8Page - NXP Semiconductors TEA1118M Datasheet HTML 9Page - NXP Semiconductors TEA1118M Datasheet HTML 10Page - NXP Semiconductors TEA1118M Datasheet HTML 11Page - NXP Semiconductors TEA1118M Datasheet HTML 12Page - NXP Semiconductors TEA1118M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 Jul 14
9
Philips Semiconductors
Product specification
Versatile cordless transmisssion circuit
TEA1118; TEA1118A
Fig.8
Typical current IP available from VCC for
peripheral circuits at Iline =15mA.
(1) With RVA resistor.
(2) Without RVA resistor.
handbook, halfpage
2.5
0
01
2
3
4
MBE783
0.5
1
1.5
2
VCC (V)
(1)
(2)
IP
(mA)
Fig.9 VCC voltage supply for peripheral.
handbook, halfpage
PERIPHERAL
CIRCUIT
IP
Irec
RCCint
VCC
VEE
VCCO
MBE792
Fig.10 Equivalent impedance between LN and VEE.
LEQ =CREG × RSLPE × RP.
RP = internal resistance (15.5 kΩ).
handbook, halfpage
LN
VEE
SLPE
RSLPE
CREG
REG
VCC
RCC
4.7
µF
100
µF
CVCC
619
20
RP
Vref
LEQ
MBE788
Fig.11 Reference voltage adjustment by RVA.
(1) Influence of RVA on Vref.
(2) Vref without influence of RVA.
handbook, halfpage
6.0
Vref
(V)
3.0
4.0
(1)
(2)
5.0
RVA (Ω)
MGD176
105
104
106
107


同様の部品番号 - TEA1118M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

同様の説明 - TEA1118M

メーカー部品番号データシート部品情報
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
logo
ON Semiconductor
MC33283 ONSEMI-MC33283 Datasheet
467Kb / 21P
   Versatile 6 Regulator Power Management Circuit
July, 2006 ??Rev. 2
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com