データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1118M データシート(PDF) 10 Page - NXP Semiconductors

部品番号 TEA1118M
部品情報  Versatile cordless transmisssion circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1118M データシート(HTML) 10 Page - NXP Semiconductors

Back Button TEA1118M Datasheet HTML 6Page - NXP Semiconductors TEA1118M Datasheet HTML 7Page - NXP Semiconductors TEA1118M Datasheet HTML 8Page - NXP Semiconductors TEA1118M Datasheet HTML 9Page - NXP Semiconductors TEA1118M Datasheet HTML 10Page - NXP Semiconductors TEA1118M Datasheet HTML 11Page - NXP Semiconductors TEA1118M Datasheet HTML 12Page - NXP Semiconductors TEA1118M Datasheet HTML 13Page - NXP Semiconductors TEA1118M Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Jul 14
10
Philips Semiconductors
Product specification
Versatile cordless transmisssion circuit
TEA1118; TEA1118A
Automatic Gain Control (pin AGC)
The TEA1118 and TEA1118A perform automatic line loss
compensation. The automatic gain control varies the gain
of the transmit amplifier and the gain of the receive
amplifier in accordance with the DC line current.
The control range is 5.8 dB (which corresponds
approximately to a line length of 5 km for a 0.5 mm
diameter twisted-pair copper cable with a DC resistance of
176
Ω/km and an average attenuation of 1.2 dB/km).
The ICs can be used with different configurations of
feeding bridge (supply voltage and bridge resistance) by
connecting an external resistor RAGC between pins AGC
and VEE. This resistor enables the Istart and Istop line
currents to be increased (the ratio between Istart and Istop is
not affected by the resistor). The AGC function is disabled
when pin AGC is left open-circuit.
DTMF amplifier (pin DTMF; TEA1118A only)
When the DTMF amplifier is enabled, dialling tones may
be sent on line. These tones can be heard in the earpiece
at a low level (confidence tone).
The TEA1118A has an asymmetrical DTMF input.
The input impedance between DTMF and VEE is 20 kΩ.
The voltage gain from pin DTMF to pin LN is 17.4 dB.
The automatic gain control has no effect on the DTMF
amplifier.
Mute function (pin MUTE; TEA1118A only)
The mute function performs the switching action between
the speech mode and the dialling mode. When MUTE is
LOW or open-circuit, the transmit and receive amplifiers
inputs are enabled while the DTMF input is disabled,
depending on the TMUTE level. When MUTE is HIGH, the
DTMF input is enabled and the transmit and receive
amplifiers inputs are disabled.
Sidetone suppression
The TEA1118 and TEA1118A anti-sidetone network
comprising RCC//Zline, Rast1, Rast2, Rast3, RSLPE and Zbal
(see Fig.12) suppresses the transmitted signal in the
earpiece. Maximum compensation is obtained when the
following conditions are fulfilled:
The scale factor k is chosen to meet the compatibility with
a standard capacitor from the E6 or E12 range for Zbal.
In practice, Zline varies considerably with the line type and
the line length. Therefore, the value chosen for Zbal should
be for an average line length which gives satisfactory
sidetone suppression with short and long lines.
The suppression also depends on the accuracy of the
match between Zbal and the impedance of the average
line.
The anti-sidetone network for the TEA1118 and
TEA1118A (as shown in Fig.16) attenuates the receive
signal from the line by 32 dB before it enters the receive
amplifier.
The attenuation is almost constant over the whole audio
frequency range.
A Wheatstone bridge configuration (see Fig.13) may also
be used.
More information on the balancing of an anti-sidetone
bridge can be obtained in our publication
“Applications
Handbook for Wired Telecom Systems, IC03b”, order
number 9397 750 00811.
R
SLPE
R
ast1
×
R
CC
R
ast2
R
ast3
+
()
×
=
k
R
ast2
R
ast3
R
SLPE
+
()
×
[]
R
ast1
R
SLPE
×
()
-----------------------------------------------------------------------
=
Z
bal
kZ
line
×
=
MUTE and TMUTE levels for different modes (TEA1118A only)
Table 1
Required MUTE and TMUTE levels to enable the different possible modes
Note
1. X = don’t care.
MODE
CHANNEL
MUTE
TMUTE
TRANSMIT
RECEIVE
DTMF
CONFIDENCE
TONE
Speech
on
on
off
off
LOW
LOW
DTMF dialling
off
off
on
on
HIGH
X(1)
Transmit mute
off
on
on
off
LOW
HIGH


同様の部品番号 - TEA1118M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

同様の説明 - TEA1118M

メーカー部品番号データシート部品情報
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
logo
ON Semiconductor
MC33283 ONSEMI-MC33283 Datasheet
467Kb / 21P
   Versatile 6 Regulator Power Management Circuit
July, 2006 ??Rev. 2
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com