データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RJK4518DPK データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 RJK4518DPK
部品情報  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4518DPK データシート(HTML) 2 Page - Renesas Technology Corp

  RJK4518DPK Datasheet HTML 1Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 2Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 3Page - Renesas Technology Corp RJK4518DPK Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK4518DPK
Rev.1.00 Mar 20, 2007 page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
450
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 450 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
0.11
0.13
ID = 19.5 A, VGS = 10 V
Note4
Input capacitance
Ciss
4100
pF
Output capacitance
Coss
440
pF
Reverse transfer capacitance
Crss
45
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
51
ns
Rise time
tr
118
ns
Turn-off delay time
td(off)
128
ns
Fall time
tf
91
ns
ID = 19.5 A
VGS = 10 V
RL = 11.5
Rg = 10
Total gate charge
Qg
93
nC
Gate to source charge
Qgs
21
nC
Gate to drain charge
Qgd
40
nC
VDD = 360 V
VGS = 10 V
ID = 39 A
Body-drain diode forward voltage
VDF
0.96
1.60
V
IF = 39 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
390
ns
IF = 39 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test


同様の部品番号 - RJK4518DPK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
RJK4518DPK RENESAS-RJK4518DPK Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK-00-T0 RENESAS-RJK4518DPK-00-T0 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK RENESAS-RJK4518DPK_10 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK4518DPK RENESAS-RJK4518DPK_15 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

同様の説明 - RJK4518DPK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com