データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TC1303B-FN3EUN データシート(PDF) 3 Page - Microchip Technology

部品番号. TC1303B-FN3EUN
部品情報  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
ダウンロード  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo 

TC1303B-FN3EUN Datasheet(HTML) 3 Page - Microchip Technology

 
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 3
TC1303B
Typical Application Circuits
10-Lead DFN
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
PG
4.7 µF
Processor
RESET
Input
Voltage
4.7 µH
4.7 µF
2.1V @
1µF
3.3V @
4.5V to 5.5V
Adjustable Output Application
121 k
Ω
200 k
Ω 4.99 kΩ
33 pF
1
2
6
8
7
9
10
5
4
3
SHDN2
VIN2
VOUT2
AGND
PGND
LX
VIN1
SHDN1
VOUT1
PG
4.7 µF
Processor
RESET
4.7µH
4.7 µF
1.5V @ 500 mA
1µF
2.5V @ 300 mA
2.7V to 4.2V
TC1303B
VOUT1
VOUT2
VIN
VOUT1
VOUT2
1.0 µF
*Optional
Capacitor
VIN2
300 mA
500 mA
Note: Connect DFN package exposed pad to AGND.
10-Lead MSOP
Fixed Output Application
TC1303B
Note


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
NCV4269_075.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
NCV4279_055.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
LM2931_07100 mA Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection 1 2 3 4 5 MoreON Semiconductor
XC9508Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
XC9510_1Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
XC9511Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector 1 2 3 4 5 MoreTorex Semiconductor
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
MCP1601500 mA Synchronous BUCK Regulator 1 2 3 4 5 MoreMicrochip Technology
ISL6412_07Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit 1 2 3 4 5 MoreIntersil Corporation

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn